Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC573A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LVC573A
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC573A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LVC573A Datasheet HTML 3Page - NXP Semiconductors LVC573A Datasheet HTML 4Page - NXP Semiconductors LVC573A Datasheet HTML 5Page - NXP Semiconductors LVC573A Datasheet HTML 6Page - NXP Semiconductors LVC573A Datasheet HTML 7Page - NXP Semiconductors LVC573A Datasheet HTML 8Page - NXP Semiconductors LVC573A Datasheet HTML 9Page - NXP Semiconductors LVC573A Datasheet HTML 10Page - NXP Semiconductors LVC573A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LVC573A
Octal D-type transparent latch with 5-volt
tolerant inputs/outputs (3-State)
1998 Jul 29
7
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V
VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V
SY00041
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
OUTPUT
Waveform 1. Input (Dn) to output (Qn) propagation delays.
tw
tPHL
tPLH
LE INPUT
Qn OUTPUT
VM
VM
SA00388
VI
GND
VOH
VOL
Waveform 2. Latch enable input (LE) pulse width, the latch
enable input to output (Qn) propagation delays
tPLZ
tPZL
VI
nOE INPUT
GND
VCC
Qn OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
Qn OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00207
Waveform 3. 3-State enable and disable times.
VM
Dn
INPUT
VM
LE
INPUT
tSU
th
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
SW00073
tSU
th
VI
GND
VI
GND
Waveform 4. Data setup and hold times for the Dn input to the
LE input.
TEST CIRCUIT
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
VCC
RL=500 Ω
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
Open
tPLZ/tPZL
2
<VCC
tPHZ/tPZH
GND
Test Circuit for 3-State Outputs
Open
GND
S1
2
<VCC
DEFINITIONS
VCC
t 2.7V
2.7 – 3.6V
VIN
VCC
2.7V
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT
of pulse generators.
SW00047
RL=500 Ω
Waveform 5. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com