Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC573A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LVC573A
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC573A Datasheet(HTML) 2 Page - NXP Semiconductors

  LVC573A Datasheet HTML 1Page - NXP Semiconductors LVC573A Datasheet HTML 2Page - NXP Semiconductors LVC573A Datasheet HTML 3Page - NXP Semiconductors LVC573A Datasheet HTML 4Page - NXP Semiconductors LVC573A Datasheet HTML 5Page - NXP Semiconductors LVC573A Datasheet HTML 6Page - NXP Semiconductors LVC573A Datasheet HTML 7Page - NXP Semiconductors LVC573A Datasheet HTML 8Page - NXP Semiconductors LVC573A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVC573A
Octal D-type transparent latch with 5-volt
tolerant inputs/outputs (3-State)
2
1998 Jul 29
853-1862 19804
FEATURES
• 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic
• Supply voltage range of 2.7V to 3.6V
• Complies with JEDEC standard no. 8-1A
• Inputs accept voltages up to 5.5V
• CMOS low power consumption
• Direct interface with TTL levels
• High impedance when V
CC = 0V
• Flow-through pin-out architecture
DESCRIPTION
The 74LVC573A is a high-performance, low-power, low-voltage,
Si-gate CMOS device, superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3V or 5V devices. In 3-State
operation, outputs can handle 5V. This feature allows the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC573A is an octal D-type transparent latch featuring
separate D-type inputs for each latch and 3-State outputs for
bus-oriented applications. A latch enable (LE) input and an output
enable (OE) input are common to all internal latches.
The ’573A’ consists of eight D-type transparent latches with 3-State
true outputs. When LE is HIGH, data at the Dn inputs enters the
latches. In this condition, the latches are transparent, i.e. a latch
output will change each time its corresponding D-input changes.
When LE is LOW, the latches store the information that was present
at the D-inputs one setup time preceding the HIGH-to-LOW
transition of LE. When OE is LOW, the contents of the eight latches
are available at the outputs. When OE is HIGH, the outputs go to the
high impedance OFF-state. Operation of the OE input does not
affect the state of the latches.
The ’573A’ is functionally identical to the ’373A’, but the ’373A’ has a
different pin arrangement.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
Dn to Qn;
LE to Qn
CL = 50pF
VCC = 3.3V
4.3
4.6
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per latch
Notes 1 and 2
20
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL x VCC2 x fo) = sum of outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE
RANGE
OUTSIDE
NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic Shrink Small Outline (SO)
–40
°C to +85°C
74LVC573A D
74LVC573A D
SOT163-1
20-Pin Plastic Shrink Small Outline (SSOP) Type II
–40
°C to +85°C
74LVC573A DB
74LVC573A DB
SOT339-1
20-Pin Plastic Thin Shrink Small Outline (TSSOP) Type I
–40
°C to +85°C
74LVC573A PW
7LVC573APW DH
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com