Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB-R001NJ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HSB-R001NJ
Description  For IEEE-1394 High Performance Serial Bus Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HSB-R001NJ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HSB-R001NJ Datasheet HTML 1Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 2Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 3Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 4Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 5Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 6Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
●  ●
HSB Series
Unit : mm
■6Pin - 6Pin Cable Assembly
CN-A style
Cable length
07 : L=0.7m
20 : L=2.0m
45 : L=4.5m
Cable style
: See Table-2
CN-A
CN-B
AA
Standard
Standard
AC
Standard
Screw lock
CC
Screw lock
Screw lock
HSB-HAA-B07
Power Wire
Inner Shield
Drain Wire
Signal Wire
DDK P/N
HSB-H□□-A□□
HSB-H□□-B□□
Jacket Diam.
φ6.1mm
φ5.5mm
Inner Shield
aluminum polyester tape
+ tinned copper
aluminum polyester tape
Straddle Signal Wire
AWG28
AWG28
Straddle Power Wire
AWG22
AWG22
Straddle Drain Wire
AWG28
AWG28
Hood Dimension "A"
9.6mm
8.4mm
Remark
1394 Standard
Slim Type
L
CN-A
CN-B
STANDARSD TYPE
25.00
10.20 MIN.
No.5
No.1
No.3
No.6
No.4
No.2
No.5
No.4
No.6
No.3
No.1
No.2
1
2
3
4
5
6
1
2
3
4
5
6
40.70
24.20
9.0
M2.0 × 0.4
SCREW LOCK TYPE
CN-A
WIRE COLOR
CN-B
Pin No.
Pin No.
1
WHITE
1
2BLACK
2
3
RED
5
4
GREEN
6
5
ORANGE
3
6BLUE
4
Shell
Shield
Shell
TABLE-2 (APPLICABLE CABLE)
TABLE-1 (WIRING STRUCTURE)
CN
-A
CN
-B
8.4
2
HSB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com