Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB-R001NJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HSB-R001NJ
Description  For IEEE-1394 High Performance Serial Bus Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HSB-R001NJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HSB-R001NJ Datasheet HTML 1Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 2Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 3Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 4Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 5Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 6Page - List of Unclassifed Manufacturers HSB-R001NJ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
HSB Series
HSB series is a high performance
shielded I/O connector serial bus that
will allow increased transmission speed
for multi-media applications in
accordance with IEEE 1394
Data transmission rates of 100,200 and
400Mbps
6 reliable ribbon style contacts,2 pair sig-
nal and 2 power
Fully shielded design feature protection
form electrostatic discharge
Power and ground contacts feature a
premating design for circuit protection
Computer, HDD, MO, Printer, Scanner, DV Cam-
corder, Digital Camera, IEEE1394 Host Adapter
and Other Multi-Media Devices
For IEEE-1394 High Performance Serial Bus Connectors
FEATURE
APPLICATION
SPECIFICATION
Voltage Rating
30V AC (rms)
Current Rating
1.5A / contact
Dielevtric With Standing Voltage
500V AC (rms) for 1 minute
Insulation Resistance
100MΩ min. at 500V DC
Contact Resistance
30mΩ max.
MATERIAL/FINISH
Contact
Copper alloy/Mating area : 0.76μm Gold over Nickel plating
Tail area :Tin-lead plating
Insulator
PA resin or LCP resin (UL94V-0) color black
Shell
Copper alloy or Steel/Tin-lead plating
1
HSB


Similar Part No. - HSB-R001NJ

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-440I AAEON-HSB-440I Datasheet
734Kb / 2P
Onboard STPC짰 Atlas System-on-Chip
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
AMD Geode GX1 Processor
HSB-460I-A10 AAEON-HSB-460I-A10 Datasheet
630Kb / 1P
AMD Geode GX1 Processor
HSB-460I-A10-01 AAEON-HSB-460I-A10-01 Datasheet
630Kb / 1P
AMD Geode GX1 Processor
HSB-525I AAEON-HSB-525I Datasheet
276Kb / 2P
ISA Half-Size SBC With Intel Atom D525 Processor
More results

Similar Description - HSB-R001NJ

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86612 FUJITSU-MB86612 Datasheet
574Kb / 40P
IEEE 1394 Bus Controller (for MPEG, DVC)
MB86615 FUJITSU-MB86615 Datasheet
633Kb / 48P
IEEE 1394 Bus Controller (for DVC)
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
IEEE 1394 Serial Bus Controller for DTV
logo
Texas Instruments
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
logo
Lumberg
2431 LUMBERG-2431 Datasheet
401Kb / 3P
USB and IEEE 1394 connectors
248603 LUMBERG-248603 Datasheet
1Mb / 4P
USB and IEEE 1394 connectors
241011 LUMBERG-241011 Datasheet
308Kb / 3P
USB and IEEE 1394 connectors
241013 LUMBERG-241013 Datasheet
518Kb / 3P
USB and IEEE 1394 connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com