Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC823APW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC823APW
Description  9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC823APW Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC823APW Datasheet HTML 1Page - NXP Semiconductors 74LVC823APW Datasheet HTML 2Page - NXP Semiconductors 74LVC823APW Datasheet HTML 3Page - NXP Semiconductors 74LVC823APW Datasheet HTML 4Page - NXP Semiconductors 74LVC823APW Datasheet HTML 5Page - NXP Semiconductors 74LVC823APW Datasheet HTML 6Page - NXP Semiconductors 74LVC823APW Datasheet HTML 7Page - NXP Semiconductors 74LVC823APW Datasheet HTML 8Page - NXP Semiconductors 74LVC823APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVC823A
9-bit D-type flip-flop with 5-volt tolerant
inputs/outputs; positive-edge trigger (3-State)
2
1998 Sep 24
853-2124 20078
FEATURES
• 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic
• Supply voltage range of 2.7V to 3.6V
• Complies with JEDEC standard no. 8-1A
• Inputs accept voltages up to 5.5V
• CMOS low power consumption
• Direct interface with TTL levels
• 9-bit positive edge-triggered register
• Independent register and 3-State buffer operation
• Flow-through pin-out architecture
DESCRIPTION
The 74LVC823A is a high performance, low-power, low-voltage
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3V or 5.0V devices. In 3-state
operation, outputs can handle 5V. This feature allows the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC823A is a 9-bit D-type flip-flop with common clock (CP),
Clock Enable (CE), Master Reset (MR) and 3-State outputs for
bus-oriented applications.
The nine flip-flops will store the state of their individual D-inputs that
meet the set-up and hold times requirements on the LOW-to-HIGH
CP transition provided CE is LOW. When CE is HIGH the flip-flops
hold their data.
A LOW on MR resets all flip-flops.
When OE is LOW, the contents of the nine flip-flops is available at
the outputs. When OE is HIGH, the outputs go to the high
impedance OFF-state. Operation of the OE input does not affect the
state of the flip-flops.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
t
/t
Propagation delay
CP to Qn
CL = 50 pF;
5.1
ns
tPHL/tPLH
Propagation delay
MR to Qn
L
VCC = 3.3 V
5.2
ns
fmax
Maximum clock frequency
CL = 50 pF;
VCC = 3.3 V
150
MHz
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per
flip-flop
Notes 1 and 2
27
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDERING CODE
PKG. DWG. #
24-Pin Plastic SO
–40
°C to +85°C
74LVC823A D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC823A DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC823A PW
SOT355-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com