Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC823APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC823APW
Description  9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC823APW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC823APW Datasheet HTML 1Page - NXP Semiconductors 74LVC823APW Datasheet HTML 2Page - NXP Semiconductors 74LVC823APW Datasheet HTML 3Page - NXP Semiconductors 74LVC823APW Datasheet HTML 4Page - NXP Semiconductors 74LVC823APW Datasheet HTML 5Page - NXP Semiconductors 74LVC823APW Datasheet HTML 6Page - NXP Semiconductors 74LVC823APW Datasheet HTML 7Page - NXP Semiconductors 74LVC823APW Datasheet HTML 8Page - NXP Semiconductors 74LVC823APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LVC823A
9-bit D-type flip-flop with 5-volt tolerant
inputs/outputs; positive-edge trigger (3-State)
1998 Sep 24
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OE
Output enable input
(active LOW)
2, 3, 4, 5, 6,
7, 8, 9, 10
D0 to D8
Data inputs
11
MR
Master reset (active LOW)
12
GND
Ground (0 V)
13
CP
Clock pulse (active rising)
14
CE
Clock enable (active LOW)
23, 22, 21, 20,
19, 18, 17, 16,
15
Q0 to Q8
3-State flip-flop outputs
24
VCC
Positive supply voltage
FUNCTION TABLE
OPERATING MODES
INPUTS
INTERNAL FLIP FLOPS
OUTPUTS
OPERATING MODES
OE
MR
CE
CP
Dn
INTERNAL FLIP-FLOPS
Q0 to Q8
Clear
L
L
X
X
X
L
L
Load and read register
L
L
H
H
L
L
↑
↑
l
h
L
H
L
H
Load register and disable outputs
H
H
H
H
L
L
X
X
l
h
L
H
Z
Z
Hold
L
H
H
NC
X
NC
NC
H = HIGH voltage level
h
= HIGH voltage level one set-up time prior to the LOW-to-HIGH
CP transition
L
= LOW voltage level
l
= LOW voltage level one set-up time prior to the LOW-to-HIGH
CP transition
Z = high impedance OFF-state
↑ = LOW–to–HIGH clock transition
NC= no change
PIN CONFIGURATION
D 0
D 1
D 2
D 3
D 4
D 5
D 6
GND
D 7
D 8
MR
Q 0
Q 1
Q 2
Q 3
Q 4
V CC
Q 5
Q 6
Q 7
Q 8
CE
CP
1
2
3
4
5
6
7
8
9
10
11
12
20
21
22
23
24
19
18
17
16
15
14
13
OE
SA00418
LOGIC SYMBOL
MR
11
Q 7
Q 8
2
D 0
Q 0
19
20
21
22
23
9
10
D 7
D 8
8
D 6
Q 6
7
D 5
Q 5
6
D 4
Q 4
15
5
D 3
Q 3
16
4
D 2
Q 2
17
3
D 1
Q 1
18
13
14
1
CP
CE
OE
SA00419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com