Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC708 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC708
Description  Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC708 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC708 Datasheet HTML 1Page - Micrel Semiconductor MIC708 Datasheet HTML 2Page - Micrel Semiconductor MIC708 Datasheet HTML 3Page - Micrel Semiconductor MIC708 Datasheet HTML 4Page - Micrel Semiconductor MIC708 Datasheet HTML 5Page - Micrel Semiconductor MIC708 Datasheet HTML 6Page - Micrel Semiconductor MIC708 Datasheet HTML 7Page - Micrel Semiconductor MIC708 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
The output of the watchdog timer (WDO) will remain
high if WDI sees a valid transition within the watchdog
timeout period or if WDI is left floating. If VCC falls
below the reset threshold voltage then WDO goes low
immediately regardless of WDI. Thus, if WDI is left
floating, then WDO can be used as a low line indicator.
Microprocessor Reset
The RESET pin is asserted whenever VCC falls below
the reset threshold voltage or when MR goes low. The
reset pin remains asserted for a period of 200ms after
VCC has risen above the reset threshold voltage and
MR goes high. The reset function ensures the
microprocessor is properly reset and powers up into a
known condition after a power failure. RESET will
remain valid with VCC as low as 1.4V.
Power Fail Warning
An additional comparator which is independent of other
functions on the MIC705/706/707/708 is provided for
early warning of power failure. An external voltage
divider can be used to compare unregulated DC to an
internal 1.25V reference. The voltage divider ratio on
the input of the power fail comparator (PFI) can be
chosen so as to trip the power fail comparator a few
milliseconds before VCC falls below the maximum reset
threshold voltage. The output of the power fail
comparator (PFO) can be used to interrupt the
microprocessor when used in this mode and execute
shut-down procedures prior to power loss.
Watchdog Timer
The microprocessor can be monitored by connecting
the WDI pin (watchdog input) to a bus line or I/O line. If
a transition doesn’t occur on the WDI pin within the
watchdog timeout period, then WDO will go low. A
minimum pulse of 50ns or any transition low-to-high or
high-to-low on the WDI pin will reset the watchdog timer.
+
-
1.25V
R1
R2
Unregulated DC
PFO
PFI
Figure 3. Power Fail Comparator
Circuit Description
Figure 4. Reset Timing Diagram
VCC
MR
RESET
VRT
tMR
tMD
tRS
tRS
WDO
MIC705/6/7/8
µP Supervisory Circuits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com