Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC708 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC708
Description  Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC708 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC708 Datasheet HTML 1Page - Micrel Semiconductor MIC708 Datasheet HTML 2Page - Micrel Semiconductor MIC708 Datasheet HTML 3Page - Micrel Semiconductor MIC708 Datasheet HTML 4Page - Micrel Semiconductor MIC708 Datasheet HTML 5Page - Micrel Semiconductor MIC708 Datasheet HTML 6Page - Micrel Semiconductor MIC708 Datasheet HTML 7Page - Micrel Semiconductor MIC708 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
The MIC705/MIC706/MIC707/MIC708 are inexpensive
microprocessor supervisory circuits that monitor power
supplies in microprocessor based systems. The circuit
functions include a watchdog timer, microprocessor
reset, power failure warning and a debounced manual
reset input.
The MIC705 and MIC706 offer a watchdog timer
function while the MIC707 and MIC708 have an active
high reset output in addition to the active low reset
output.
Supply voltage monitor levels of 4.65V and 4.4V are
available. The MIC705/MIC707 have a nominal reset
threshold level of 4.65V while the MIC706 and MIC708
have a 4.4V nominal reset threshold level. When the
supply voltage drops below the respective reset
threshold level, RESET is asserted.
1
2
3
4
VCC
GND
PFI
8
7
6
5
WDO
RESET
WDI
PFO
MIC705
MIC706
MR
PFO
1
2
3
4
VCC
GND
PFI
8
7
6
5
RESET
RESET
NC
PFO
MIC707
MIC708
MR
PFO
Top View
N Package - 8 Lead Plastic DIP Package
M Package - 8 Lead Plastic SOIC Package
Part
Package
Temp. Range
MIC70_N
8-Lead PDIP
-40°C to +85°C
MIC70_M
8-Lead SOIC
-40°C to +85°C
· Automotive Systems
· Intelligent Instruments
· Critical Microprocessor Power Monitoring
· Printers
· Computers
· Controllers
· Debounced Manual Reset Input is
TTL/CMOS Compatible
· Reset Pulse Width, 200ms
· Watchdog Timer, 1.6s (MIC705/MIC706)
· 4.4V or 4.65V Precision Voltage Monitor
· Early Power Fail Warning or Low Battery
Detect
VCC
RESET
µP
RESET
VCC
MIC705
MIC706
+5V (Regulated)
MR
WDI
I/O Line
PFO
Interrupt
PFI
DC Voltage
(Unregulated)
Manual
Reset
WDO
NMI
Typical Operating Circuit
Features
Description
Pin Configuration
Ordering Information
Typical Applications
MIC705/6/7/8 µP Supervisory Circuits
MIC705/6/7/8
µP Supervisory Circuits


Similar Part No. - MIC708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC708 MICREL-MIC708 Datasheet
180Kb / 7P
關P Supervisory Circuit
MIC708 MICREL-MIC708 Datasheet
180Kb / 7P
uP Supervisory Circuit
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
uP Supervisory Circuit
MIC708MY MICREL-MIC708MY Datasheet
441Kb / 10P
關P Supervisory Circuit
MIC708R MICREL-MIC708R Datasheet
159Kb / 7P
關P Supervisory Circuit
More results

Similar Description - MIC708

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
logo
Analog Devices
ADM705 AD-ADM705_08 Datasheet
338Kb / 12P
Supervisory Circuits
Rev. G
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
CAT1024 ONSEMI-CAT1024_18 Datasheet
404Kb / 23P
Supervisory Circuits
May, 2018 ??Rev. 21
N84C161 ONSEMI-N84C161_18 Datasheet
212Kb / 13P
Supervisory Circuits
May, 2018 ??Rev. 1
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
Supervisory Circuits
May, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com