Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8530-05 Datasheet(PDF) 78 Page - Microsemi Corporation

Part # VSC8530-05
Description  Single Port Industrial Grade Fast Ethernet Copper PHY with RGMII/RMII Interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8530-05 Datasheet(HTML) 78 Page - Microsemi Corporation

Back Button VSC8530-05 Datasheet HTML 72Page - Microsemi Corporation VSC8530-05 Datasheet HTML 73Page - Microsemi Corporation VSC8530-05 Datasheet HTML 74Page - Microsemi Corporation VSC8530-05 Datasheet HTML 75Page - Microsemi Corporation VSC8530-05 Datasheet HTML 76Page - Microsemi Corporation VSC8530-05 Datasheet HTML 77Page - Microsemi Corporation VSC8530-05 Datasheet HTML 78Page - Microsemi Corporation VSC8530-05 Datasheet HTML 79Page - Microsemi Corporation VSC8530-05 Datasheet HTML 80Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
Design Considerations
VMDS-10516 VSC8530-05 Datasheet Revision 4.1
71
8
Design Considerations
This section provides information about design considerations for the VSC8530-05 device.
8.1
10BASE-T signal amplitude
10BASE-T signal amplitude can be lower than the minimum specified in IEEE 802.3 paragraph
14.3.1.2.1 (2.2 V) at low supply voltages. Additionally, associated templates may be marginal or have
failures.
This issue is not estimated to present any system-level impact. Performance is not impaired with cables
up to 130 m with various link partners.
8.2
Receive error counter only clears when NRESET applied
in RMII mode
When operating in RMII MAC interface mode, the receive error counter of register 19 (Table 32, page 31)
does not clear upon read-back or software reset of the device. The only way to clear this register while in
RMII mode is to assert the NRESET pin of the device.
The receive error counter at register address 19 operates normally in MAC interface modes other than
RMII.
8.3
Anomalous PCS error indications in Energy Efficient
Ethernet mode
When a port is processing traffic with EEE enabled on the link, certain PCS errors (such as false carriers,
spurious start-of-stream detection, and idle errors) and EEE wake errors may occur. There is no effect on
traffic bit error rate for cable lengths up to 75 meters, and minor packet loss may occur on links longer
than 75 meters.
Regardless of cable length, some error indications should not be used while EEE is enabled. These error
indications include false carrier interrupts (Interrupt Status, page 35, bit 3), receive error interrupts
(Interrupt Status, page 35, bit 0), and EEE wake error interrupts.
Contact Microsemi for a script that needs to be applied during system initialization if EEE will be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com