Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8530-05 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # VSC8530-05
Description  Single Port Industrial Grade Fast Ethernet Copper PHY with RGMII/RMII Interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8530-05 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button VSC8530-05 Datasheet HTML 9Page - Microsemi Corporation VSC8530-05 Datasheet HTML 10Page - Microsemi Corporation VSC8530-05 Datasheet HTML 11Page - Microsemi Corporation VSC8530-05 Datasheet HTML 12Page - Microsemi Corporation VSC8530-05 Datasheet HTML 13Page - Microsemi Corporation VSC8530-05 Datasheet HTML 14Page - Microsemi Corporation VSC8530-05 Datasheet HTML 15Page - Microsemi Corporation VSC8530-05 Datasheet HTML 16Page - Microsemi Corporation VSC8530-05 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Functional Descriptions
VMDS-10516 VSC8530-05 Datasheet Revision 4.1
6
Even though the RMII specification does not call for the use of TX_ER signal, it is required in order to
support Energy-Efficient Ethernet (802.3az).
3.2.2.2
RMII Clocking Overview
When the device is in RMII mode, the clock inputs to the device need to support the various modes in
which RMII devices can operate. There are two basic modes of operation in RMII mode:
•
Mode 1—system provides a 50 MHz clock that is used to clock the RMII interface and must be used
as the chip reference clock.
•
Mode 2—PHY operates from a 25 MHz or 125 MHz reference clock, and sources the 50 MHz clock
used for the RMII interface.
These two modes of operation and the clocking schemes are described in the following sections.
3.2.2.2.1
Mode 1
In this mode of operation, an external source is used to provide a 50 MHz clock through the RMII_CLKIN
and the XTAL1 pin. This 50 MHz clock is used as the main clock for the RMII interface, and must be used
as the reference clock for the PHY connected to the XTAL1 pin. In this mode, the RMII_CLKOUT signal
from the PHY is not used. The RMII_CLKOUT is enabled by default and that clock output should be
disabled through register 27E2.4. The following figure illustrates RMII signal connections at the system
level.
Figure 5 •
Mode 1
3.2.2.2.2
Mode 2
In this mode of operation, the PHY operates from a 25 MHz crystal (XTAL1 and XTAL2) or
25 MHz/125 MHz single-ended external clock (XTAL1), and sources the 50 MHz clock required for the
RMII interface. This 50 MHz clock is output from the PHY on the RMII_CLKOUT pin and then connected
to the MAC and PHY RMII_CLKIN signals. In this mode, the PHY generates a 50 MHz clock for the
system and that clock output is enabled. The following figure illustrates RMII signal connections at the
system level.
RXD0
RXD0
RXD3
RX_ER
RX_CTL
CRS_DV
Table 3 •
RMII Pin Allocation (continued)
Chip Pin
RMII Signal
MAC
SimpliPHY
TX_EN
TXD[1:0]
RX_ER
CRS_DV
RXD[1:0]
50 MHz clock
TX_EN
TXD[1:0]
RX_ER
CRS_DV
RXD[1:0]
RMII_CLK
TX_EN
TXD[1:0]
RX_ER
RX_CTL
RXD[1:0]
RMII_CLKIN
XTAL2
X
PLL
RMII_CLKOUT
XTAL1
TX_ER
TX_ER
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com