Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541-01 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # VSC8541-01
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8541-01 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button VSC8541-01 Datasheet HTML 17Page - Microsemi Corporation VSC8541-01 Datasheet HTML 18Page - Microsemi Corporation VSC8541-01 Datasheet HTML 19Page - Microsemi Corporation VSC8541-01 Datasheet HTML 20Page - Microsemi Corporation VSC8541-01 Datasheet HTML 21Page - Microsemi Corporation VSC8541-01 Datasheet HTML 22Page - Microsemi Corporation VSC8541-01 Datasheet HTML 23Page - Microsemi Corporation VSC8541-01 Datasheet HTML 24Page - Microsemi Corporation VSC8541-01 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Functional Descriptions
VMDS-10496 VSC8541-01 Datasheet Revision 4.2
11
one of 4 possible combinations through this external strapping option to provide a total of 4 PHY
addresses in unmanaged operation.
3.3.4
GMII/MII or RGMII/RMII MAC Interface Mode
When MII_TXCLK pin is pulled LOW externally and the state of that signal is latched to logic 0 on the
rising edge of reset, the device operates in a RGMII mode. When MII_TXCLK pin is pulled HIGH
externally and the state of that signal is latched to logic 1 on the rising edge of reset, the device operates
in GMII/MII mode (depending on link speed). This signal is bonded out to a package pin.
Note: If unmanaged mode is selected and Signal E is latched as a logic 1 (indicating RMII mode), the device
will default to RMII mode regardless of the latched state of the MII_TXCLK.
3.3.5
CLKOUT Frequency Selection
The RXD6 and RXD7 pins can be pulled LOW or HIGH externally to set the bit 0 and bit 1 default values
of the CLKOUT frequency selection register 13G.14:13. The following table describes the allowed default
CLKOUT frequency settings.
The CLKOUT frequency can be changed from the default setting to any of the other settings on any
device variant by modifying the register bits through the SMI interface.
3.3.6
Forced 1000BASE-T Mode
When RX_ER pin is pulled high externally and the state of that signal is latched to logic 1 on the rising
edge of reset, the device operates in a Forced 1000BT mode. When this mode is enabled, the state of
pins COL and CRS are latched on the rising edge of reset to configure Master/Slave and MDI/MDI-X,
respectively. The latched state of the COL pin configures the device in Master mode when it is logic 1,
and in Slave mode when it is logic 0. The latched state of the CRS pin configures the device in MDI mode
when it is logic 0 and in MDI-X mode when it is logic 1.
3.4
Cat5 Twisted Pair Media Interface
The twisted pair interface is compliant with IEEE 802.3-2008 and the IEEE 802.3az-2010 standard for
Energy-Efficient Ethernet.
3.4.1
Voltage Mode Line Driver
The VSC8541-01 device uses a patented voltage mode line driver that allows it to fully integrate the
series termination resistors that are required to connect the PHY’s Cat5 interface to an external 1:1
transformer. The interface does not require the user to place an external voltage on the center tap of the
magnetic. The following figure illustrates the connections.
Table 10 •
CLKOUT Frequency Selection
CLKOUT Frequency Selection CLKOUT Frequency
00
25 MHz
01
50 MHz
10
125 MHz
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com