Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541-01 Datasheet(PDF) 78 Page - Microsemi Corporation

Part # VSC8541-01
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8541-01 Datasheet(HTML) 78 Page - Microsemi Corporation

Back Button VSC8541-01 Datasheet HTML 74Page - Microsemi Corporation VSC8541-01 Datasheet HTML 75Page - Microsemi Corporation VSC8541-01 Datasheet HTML 76Page - Microsemi Corporation VSC8541-01 Datasheet HTML 77Page - Microsemi Corporation VSC8541-01 Datasheet HTML 78Page - Microsemi Corporation VSC8541-01 Datasheet HTML 79Page - Microsemi Corporation VSC8541-01 Datasheet HTML 80Page - Microsemi Corporation VSC8541-01 Datasheet HTML 81Page - Microsemi Corporation VSC8541-01 Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
Electrical Specifications
VMDS-10496 VSC8541-01 Datasheet Revision 4.2
68
5.2.1.1
XTAL Reference Clock
When using the 25 MHz crystal clock input option (REFCLK_SEL[1:0] = 00), the additional specifications
listed in the following table are required.
5.2.2
Recovered Clock
This section provides the AC characteristics for the recovered clock output signal. The following table
shows the AC specifications for the RCVRD_CLK output.
REFCLK frequency,
REFCLK_SEL[1:0]= 01
ƒ
–100 ppm 25
100 ppm
MHz
Rise time and fall time
tR, tF
1.5
ns
20% to 80%, 5.1 pF load
Duty cycle
45
55
%
Phase jitter—Gaussian
4
psRMS Bandwidth from 10 kHz to 10 MHz
Total jitter, peak-to-peak
200
psPP
10K samples.
Table 99 •
XTAL RefClk
Parameter
Symbol
Minimum
Typical
Maximum
Unit
CL1
1.
where
C1EXT =C1 +CINEXT
C2EXT = C2 + COUTEXT
CINEXT represents input (XTAL1) I/O, bond pad, package pin, and routing parasitic
capacitance
and COUTEXT represents output (XTAL2) I/O, bond pad, package pin, and routing parasitic
capacitance.
For a reference tank circuit, see Figure 10, page 14.
8pF
Crystal ESR
60
Ω
Table 100 •
Recovered Clock AC Characteristics
Parameter
Symbol
Minimum
Typical Maximum
Unit Condition
Recovered clock frequency
ƒ
125
MHz
Recovered clock frequency
ƒ
31.25
MHz
Recovered clock frequency
ƒ
25
MHz
Recovered clock cycle time
tRCYC
8ns
Recovered clock cycle time
tRCYC
32
ns
Recovered clock cycle time
tRCYC
40
ns
Frequency stability
ƒSTABILITY
50
ppm
Duty cycle
DC
40
50
60
%
Clock rise time and fall time
tR, tF
1.2
ns
20% to 80%
Table 98 •
RefClk (continued)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
CL
C1EXT C2EXT
×
C1EXT C2EXT
+
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com