Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20PC-2OS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DMS-20PC-2OS
Description  3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-20PC-2OS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DMS-20PC-2OS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DMS-20PC
3 ½
DIGIT , LED
DISPLA Y
DIGIT AL
P ANEL V O L TMETERS
Figure 3. Differential Input Configuration
Figure 6. Floating Input Measurements
(Alternate Configuration)
RShunt = R1 = VFsr /IFsr
Where:
VFsr = Full scale reading (in Volts)
IFsr = Relative full scale current (in Amps)
R2
R1 + R2
x VIN = Reading
50k
Ω < R1 + R2 < 10MΩ
Figure 4. Input Attenuation Circuit
Figure 5. Floating Input Measurements
Applications
to (–) INPUT LO (pin 12) provides the reference point for the
meter’s input.
A "floating" input is a signal that has no galvanic connection
to the meter's power supply. In the figures below, the 1.5V
battery illustrates a true floating input.
5. Process Control (4-to-20mA) Measurements: In many
common process-control applications, a 4-to-20mA current loop is
used to transmit information. Because DMS-20PC meters have
such high input impedance, a simple shunt resistor across the
meter's input can be used to convert the loop current to a voltage.
See Figure 7. The value of the shunt resistor is a function of the
scaling requirements of the particular application and can be
calculated using the following equation:
4. Floating Signal Source Measurements: Floating signals can
be measured using the circuits shown in Figures 5 and 6.
Connecting pin 10 (ANALOG COMMON) or pin 3 (5V RETURN)
3. Engineering Scaling: For measuring voltages greater than the
full scale input range of a given meter, the input signal must be
attenuated. A simple voltage divider (similar to that shown in
Figure 4) will scale the input to within the range of the selected
meter. R1 and R2 should be precision, ±1%, metal-film resistors
with absolute TCR's less than 50ppm/°C. See Ap Note 4 for more
information on engineering scaling.
2. Differential Input Configurations: Differential measurements
can be made with all DMS-20PC meters. Figure 3, though not a
practical real-world application, uses a voltage divider to
demonstrate the concept of a differential input signal. Be careful
not to exceed the ±2V common mode voltage limitation for 5V-
powered meters.
1
12
3
+5V SUP
(–) IN LO
5V RET
DATEL
UPA-5/500
120 VAC
11
(+) IN HI
6
AC to DC Converter
DMS-20PC-1
R2
R1
R3
1k
1k
1k
8
7
REF IN
DP1
REF OUT
2
DISPLAY
ENABLE
DMS-20PC-1
R2
11
12
(+) IN HI
(–) IN LO
VIN
R1
–
1
3
+5V SUP
5V RET
DATEL
UPA-5/500
120 VAC
AC to DC Converter
8
7
REF OUT
REF IN
2
DISPLAY
ENABLE
1
3
+5V SUP
DATEL
UPA-5/500
120 VAC
6
DP1
AC to DC Converter
DMS-20PC-1
12
(–) IN LO
11
(+) IN HI
1.5V
CELL
–
8
7
REF OUT
REF IN
2
DISPLAY
ENABLE
5V
RET
DMS-20PC-1
12
(–) IN LO
10
ANA COMM
11
(+) IN HI
1.5V
CELL
–
8
7
REF OUT
REF IN
1
3
+5V SUP
DATEL
UPA-5/500
120 VAC
6
DP1
AC to DC Converter
2
DISPLAY
ENABLE
5V
RET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com