Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20PC-2OS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DMS-20PC-2OS
Description  3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-20PC-2OS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DMS-20PC-2OS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • E-mail:sales@datel.com • Internet: www.datel.com
Features
DMS-20PC Series, 3½ Digit, LED Display, Digital Panel Voltmeters combine a
precision A/D converter; a factory-trimmed, highly stable, voltage reference; and a
large (0.37"/9.4mm), easy-to-read LED display in a single package that is only
slightly larger than the display itself. Displays are offered in either red, orange,
amber, yellow or green colors. High-intensity and low-power (35mW total) red LED's
are also optional.
These low-cost meters are fully self-contained and fully functional. Their
subminiature (1.38" x 0.88" x 0.48"), epoxy-encapsulated cases incorporate built-in
color filters and bezels; are moisture and vibration proof; and function well in the
harshest environments. Their 12-pin, dual-in-line configuration offers component-like,
plug-in convenience and maximum versatility. Operating temperature range is 0 to
+60°C.
The meters come with one of four, differential, input voltage ranges: ±200mV, ±2V
±20V or ±200V. Input impedance is a minimum 800k
Ω. CMRR is typically 86dB (dc
to 60Hz), and CMV is ±2V. Input overvoltage protection (on the non-inverting input)
is ±250V. Devices are fully calibrated at the factory to an accuracy of ±1 count
(±0.05% of full scale range) and never require calibration or adjustment.
A DISPLAY ENABLE function permits the display to be disabled for "power-
down" operation. All models have a DISPLAY TEST function. Standard red LED
models offer an optional DISPLAY HOLD function.
Small size, low cost and adjustment-free reliability make the DMS-20PC Series
the best choice for all your 3½ digit, LED, DPM applications.
Figure 1. DMS-20PC Series Simplified Schematic
••••• Lowest-cost LED meters
••••• Subminiature size:
1.38" x 0.88" x 0.48"
35mm x 22mm x 12mm
••••• Large (0.37"/9.4mm) LED display
••••• Choice of 5 LED colors
••••• High-intensity or low-power (7mA) red
LED's optional
••••• Epoxy-encapsulated, 12-pin DIP package
with built-in color filter and bezel
••••• 4 differential input voltage ranges
••••• Factory calibrated, ±1 count accuracy
••••• Single +5V power supply
••••• User-selectable decimal point placement
••••• DISPLAY ENABLE function for
"power-down" mode
••••• DISPLAY TEST and HOLD (optional)
functions
••••• 0 to +60°C temperature range
3½ Digit, LED Display
Low-Cost, Subminiature
Digital Panel Voltmeters
DMS-20PC Series
Actual Size
(+) INPUT HI
(–) INPUT LO
ANALOG
COMMON
REFERENCE OUT
REFERENCE IN
+5V SUPPLY
R1
DP 1
DP 2
DP 3
6
5
4
11
12
10
8
7
1
3
DC/DC
CONVERTER
2
5V RETURN
+5V
–5V
R2
» +2.0V
DATA
909k
V+
V–
A/D
CONVERTER
0 Vdc
0.01
µF
9
DISPLAY
ENABLE
+5V
R2 is not used on ±200mV (-0) models or ±2V (-1) models.
R2 = 100k on ±20V (-2) models and 9.1k on ±200V (-3) models.
Only used on ±200mV (-0) and ±2V (-1) models.
DISPLAY
TEST/HOLD
11
Pin 9 is DISPLAY TEST on all but eight models. On those models
(-H option), it is DISPLAY HOLD.
1
2
3
2
1
3
®®
www.datel.com


Similar Part No. - DMS-20PC-2OS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-2-AS-C MURATA-PS-DMS-20PC-2-AS-C Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC-2-BL-C MURATA-PS-DMS-20PC-2-BL-C Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC-2-BS-C MURATA-PS-DMS-20PC-2-BS-C Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC-2-DCM MURATA-PS-DMS-20PC-2-DCM Datasheet
150Kb / 2P
Self-Powered, Positive Input LED Display, DC Voltage Monitors
DMS-20PC-2-DCM-C MURATA-PS-DMS-20PC-2-DCM-C Datasheet
150Kb / 2P
Self-Powered, Positive Input LED Display, DC Voltage Monitors
More results

Similar Description - DMS-20PC-2OS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100N MURATA-DM3100N Datasheet
224Kb / 6P
Low Cost, 3쩍 Digit, LED Display in Low Profile Case
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com