Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032EB Datasheet(PDF) 26 Page - STMicroelectronics

Part # M59DR032EB
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032EB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M59DR032EB Datasheet HTML 22Page - STMicroelectronics M59DR032EB Datasheet HTML 23Page - STMicroelectronics M59DR032EB Datasheet HTML 24Page - STMicroelectronics M59DR032EB Datasheet HTML 25Page - STMicroelectronics M59DR032EB Datasheet HTML 26Page - STMicroelectronics M59DR032EB Datasheet HTML 27Page - STMicroelectronics M59DR032EB Datasheet HTML 28Page - STMicroelectronics M59DR032EB Datasheet HTML 29Page - STMicroelectronics M59DR032EB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
M59DR032EA, M59DR032EB
26/43
Figure 9. Write AC Waveforms, Write Enable Controlled
Note: Addresses are latched on the falling edge of W, Data is latched on the rising edge of W
Table 18. Write AC Characteristics, Write Enable Controlled
Symbol
Alt
Parameter
M59DR032E
Unit
85
100
120
Min
Max
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
85
100
120
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
50
50
50
ns
tDVWH
tDS
Input Valid to Write Enable High
40
50
50
ns
tWHDX
tDH
Write Enable High to Input Transition
0
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
30
30
30
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
50
50
50
ns
tGHWL
Output Enable High to Write Enable Low
0
0
0
ns
tVDHEL
tVCS
VDD High to Chip Enable Low
50
50
50
µs
tWHGL
tOEH
Write Enable High to Output Enable Low
30
30
30
ns
tPLQ7V
RP Low to Reset Complete During
Program/Erase
15
15
15
µs
AI06192
E
G
W
A0-A20
DQ0-DQ15
VALID
VALID
VDD
tVDHEL
tWHEH
tWHWL
tELWL
tAVWL
tWHGL
tWLAX
tWHDX
tAVAV
tDVWH
tWLWH
tGHWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com