Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032EB Datasheet(PDF) 31 Page - STMicroelectronics

Part # M59DR032EB
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032EB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M59DR032EB Datasheet HTML 27Page - STMicroelectronics M59DR032EB Datasheet HTML 28Page - STMicroelectronics M59DR032EB Datasheet HTML 29Page - STMicroelectronics M59DR032EB Datasheet HTML 30Page - STMicroelectronics M59DR032EB Datasheet HTML 31Page - STMicroelectronics M59DR032EB Datasheet HTML 32Page - STMicroelectronics M59DR032EB Datasheet HTML 33Page - STMicroelectronics M59DR032EB Datasheet HTML 34Page - STMicroelectronics M59DR032EB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
31/43
M59DR032EA, M59DR032EB
Table 21. Data Polling and Toggle Bits AC Characteristics
Note: All other timings are defined in Read AC Characteristics
Figure 14. Data Polling Flowchart
Figure 15. Data Toggle Flowchart
Symbol
Parameter
M59DR032E
Unit
Min
Max
tWHQ7V
Write Enable High to DQ7 Valid (Program, W Controlled)
8
100
µs
Write Enable High to DQ7 Valid (Block Erase, W Controlled)
0.8
4
s
tEHQ7V
Chip Enable High to DQ7 Valid (Program, E Controlled)
8
100
µs
Chip Enable High to DQ7 Valid (Block Erase, E Controlled)
0.8
4
s
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
0
ns
tWHQV
Write Enable High to Output Valid (Program)
8
100
µs
Write Enable High to Output Valid (Block Erase)
0.8
4
s
tEHQV
Chip Enable High to Output Valid (Program)
8
100
µs
Chip Enable High to Output Valid (Block Erase)
0.8
4
s
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI06197
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO
READ
DQ5 & DQ6
START
READ DQ6
FAIL
PASS
AI06198
DQ6
=
TOGGLES
NO
NO
YES
YES
DQ5
= 1
NO
YES
DQ6
=
TOGGLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com