Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT16374ADL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # VT16374ADL
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16374ADL Datasheet(HTML) 3 Page - NXP Semiconductors

  VT16374ADL Datasheet HTML 1Page - NXP Semiconductors VT16374ADL Datasheet HTML 2Page - NXP Semiconductors VT16374ADL Datasheet HTML 3Page - NXP Semiconductors VT16374ADL Datasheet HTML 4Page - NXP Semiconductors VT16374ADL Datasheet HTML 5Page - NXP Semiconductors VT16374ADL Datasheet HTML 6Page - NXP Semiconductors VT16374ADL Datasheet HTML 7Page - NXP Semiconductors VT16374ADL Datasheet HTML 8Page - NXP Semiconductors VT16374ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16374A
3.3V 16-bit edge-triggered D-type flip-flop
(3-State)
1999 Oct 18
3
LOGIC SYMBOL (IEEE/IEC)
48
1EN
1
∇
46
44
43
41
40
38
37
36
C1
2EN
C2
2
∇
1
24
25
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
SW00016
1OE
1CP
2OE
2CP
1D1
1D2
1D3
1D4
1D5
1D6
1D7
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q1
2Q2
2Q3
2Q4
2Q5
2Q8
1D8
2Q6
2Q7
1D
2D
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q0
!Q1
GND
1Q2
1Q3
1Q4
1Q5
GND
1Q6
1Q7
2Q0
2Q1
GND
2Q3
VCC
2Q4
VCC
2Q2
2Q5
GND
2Q7
2OE
2Q6
1CP
1D0
1D1
GND
1D2
1D3
1D4
1D5
GND
1D6
1D7
2D0
2D1
GND
2D3
VCC
2D4
VCC
2D2
2D5
GND
2D7
2CP
2D6
SW00017
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
47, 46, 44, 43, 41, 40,
38, 37 36, 35, 33, 32,
30, 29, 27, 26
1D0 - 1D7
2D0 - 2D7
Data inputs
2, 3, 5, 6, 8, 9, 11, 12
13, 14, 16, 17, 19, 20,
22, 23
1Q0 - 1Q7
2Q0 - 2Q7
Data outputs
1, 24
1OE, 2OE
Output enable inputs
(active-Low)
48, 25
1CP, 2CP
Clock pulse inputs (active
rising edge)
4, 10, 15, 21, 28, 34,
39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com