Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT16374ADL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # VT16374ADL
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16374ADL Datasheet(HTML) 1 Page - NXP Semiconductors

  VT16374ADL Datasheet HTML 1Page - NXP Semiconductors VT16374ADL Datasheet HTML 2Page - NXP Semiconductors VT16374ADL Datasheet HTML 3Page - NXP Semiconductors VT16374ADL Datasheet HTML 4Page - NXP Semiconductors VT16374ADL Datasheet HTML 5Page - NXP Semiconductors VT16374ADL Datasheet HTML 6Page - NXP Semiconductors VT16374ADL Datasheet HTML 7Page - NXP Semiconductors VT16374ADL Datasheet HTML 8Page - NXP Semiconductors VT16374ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74LVT16374A
3.3V LVT 16-bit edge-triggered D-type
flip-flop (3-State)
Product specification
Supersedes data of 1998 Feb 19
IC23 Data Handbook
1999 Oct 18
INTEGRATED CIRCUITS


Similar Part No. - VT16374ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VT16373ADGG PHILIPS-VT16373ADGG Datasheet
86Kb / 10P
3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
VT16373ADL PHILIPS-VT16373ADL Datasheet
86Kb / 10P
3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
More results

Similar Description - VT16374ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
logo
Texas Instruments
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com