Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT16501ADGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # VT16501ADGG
Description  3.3V LVT 18-bit universal bus transceiver 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16501ADGG Datasheet(HTML) 3 Page - NXP Semiconductors

  VT16501ADGG Datasheet HTML 1Page - NXP Semiconductors VT16501ADGG Datasheet HTML 2Page - NXP Semiconductors VT16501ADGG Datasheet HTML 3Page - NXP Semiconductors VT16501ADGG Datasheet HTML 4Page - NXP Semiconductors VT16501ADGG Datasheet HTML 5Page - NXP Semiconductors VT16501ADGG Datasheet HTML 6Page - NXP Semiconductors VT16501ADGG Datasheet HTML 7Page - NXP Semiconductors VT16501ADGG Datasheet HTML 8Page - NXP Semiconductors VT16501ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74LVT16501A
3.3V 18-bit universal bus transceiver (3-State)
1998 Feb 19
3
PIN CONFIGURATION
GND
GND
GND
GND
LEAB
OEAB
GND
VCC
VCC
GND
GND
VCC
VCC
GND
GND
GND
LEBA
OEBA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
CPAB
B0
B2
B1
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
CPBA
SA00128
LOGIC SYMBOL (IEEE/IEC)
EN1
2C3
C3
G2
EN4
5C6
C6
G5
3D
1
1
41
6D
1
55
2
27
30
28
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
SA00129
OEAB
CPAB
LEAB
OEBA
CPBA
LEBA
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
LOGIC SYMBOL
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
A0
A1
A2
A3
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A4
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
54
52
51
49
47
45
44
43
42
41
40
38
37
36
34
33
31
48
1
2
55
27
28
30
SW00026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com