Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT16501ADGG Datasheet (PDF) - NXP Semiconductors

VT16501ADGG Datasheet PDF - NXP Semiconductors
Part # VT16501ADGG
Download  VT16501ADGG Download
File Size   88.03 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V LVT 18-bit universal bus transceiver 3-State

VT16501ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
VT16501ADGG Datasheet PDF - NXP Semiconductors

Part # VT16501ADGG
Download  VT16501ADGG Click to download

File Size   88.03 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V LVT 18-bit universal bus transceiver 3-State

VT16501ADGG Datasheet (HTML) - NXP Semiconductors


VT16501ADGG Product details

DESCRIPTION
The 74LVT16501A is a high-performance BiCMOS product designed for VCC operation at 3.3V
   
FEATURES
• 18-bit bidirectional bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Positive edge triggered clock inputs
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
    and 200V per Machine Model
   




Similar Part No. - VT16501ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VT16500ADGG PHILIPS-VT16500ADGG Datasheet
81Kb / 14P
3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
VT16500ADL PHILIPS-VT16500ADL Datasheet
81Kb / 14P
3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
More results


Similar Description - VT16501ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16501 PHILIPS-74ALVT16501 Datasheet
102Kb / 16P
2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74LVT16500A PHILIPS-74LVT16500A Datasheet
81Kb / 14P
3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
74LVT16501A PHILIPS-74LVT16501A_15 Datasheet
114Kb / 19P
3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com