Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCGLCE11A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MSMCGLCE11A
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMCGLCE11A Datasheet(HTML) 2 Page - Microsemi Corporation

  MSMCGLCE11A Datasheet HTML 1Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 2Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 3Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 4Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 5Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 6Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF01002, Rev. C (1/4/13)
©2013 Microsemi Corporation
Page 2 of 7
MSMCGLCE6.5A – MXLSMCGLCE170Ae3,
MSMCJLCE6.5A – MXLSMCJLCE170Ae3
MAXIMUM RATINGS @ 25 ºC unless otherwise stated
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-65 to +150
ºC
Thermal Resistance Junction-to-Lead
(1)
RӨJL
20
ºC/W
Peak Pulse Power dissipation @ 25 ºC (at 10/1000
µs,
see figures 1, 2, and 3)
(2)
P PP
1500
W
Clamping Factor
@ Full Rated Power
@ 50 % Rated Power
CF
1.4
1.30
tclamping (0 volts to V(BR) min.)
tclamping
< 5x10
-9
s
Rated Average Power Dissipation
TL = +50 ºC
P M(AV)
5.0
W
Solder Temperature @ 10 s
TSP
260
oC
Notes: 1. Typical junction to lead (tab) at mounting plane.
2. With a repetition rate of 0.01% or less. When pulse testing, do not pulse in opposite direction (see “application schematics” section herein
and figures 5 & 6 for further protection in both directions.)
MECHANICAL and PACKAGING
• CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0.
• TERMINALS: Tin-lead or RoHS compliant annealed matte-tin plating. Solderable to MIL-STD-750, method 2026.
• MARKING: Part number with abbreviated prefix (MCLC6.5A, MCLC6.5Ae3, MCLC33, MCLC33e3, etc.).
• POLARITY: Cathode indicated by band.
• TAPE & REEL option: Standard per EIA-481-B with 16 mm tape (add “TR” suffix to part number). Consult factory for quantities.
• WEIGHT: Approximately 0.25 grams.
• See Package Dimensions on last page.
PART NOMENCLATURE
M
SM
C
G
LC
E
6.5
A
e3
Reliability Level*
M
MA
MX
MXL
*(see High Reliability
Up-Screened Plastic
Products Portfolio)
Surface Mount
Package
1500 W Power Level
Lead Form
G = Gull-wing
J = J-bend
RoHS Compliance
e3 = RoHS Compliant
Blank = non-RoHS Compliant
+/-5%Tolerance Level
Reverse Stand-Off Voltage
(see Electrical Characteristics
table)
Encapsulated Plastic Package
Low Capacitance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com