Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCGLCE11A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSMCGLCE11A
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMCGLCE11A Datasheet(HTML) 1 Page - Microsemi Corporation

  MSMCGLCE11A Datasheet HTML 1Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 2Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 3Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 4Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 5Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 6Page - Microsemi Corporation MSMCGLCE11A Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF01002, Rev. C (1/4/13)
©2013 Microsemi Corporation
Page 1 of 7
MSMCGLCE6.5A – MXLSMCGLCE170Ae3,
MSMCJLCE6.5A – MXLSMCJLCE170Ae3
Available
1500 Watt Low Capacitance Surface
Mount Transient Voltage Suppressor
Screening in
reference to
MIL-PRF-19500
available
DESCRIPTION
This high-reliability surface mount Transient Voltage Suppressor (TVS) product family includes a rectifier
diode in series with and in the opposite direction to the primary TVS protection diode. The circuit being
protected sees only the rectifier diode's low 100 pF capacitance. They are available in either a DO-
215AB (gull-wing) or DO-214AB (J-bend) package and RoHS compliant versions are available. The low
capacitance of these TVS devices allows them to be applied to the protection of high-frequency signal
and communication lines in inductive switching environments or systems exposed to the secondary
effects of lightning per IEC61000-4-5 as well as RTCA/DO-160D or ARINC 429 for airborne avionics.
They also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4. If bipolar transient capability
is required, two of these low capacitance TVS devices may be used in parallel and opposite directions
(anti-parallel) for complete ac protection (figure 6).
DO-215AB
(SMCG) Package
DO-214AB
(SMCJ) Package
NOTE: All SMC series are
equivalent to prior SMM package
identifications.
Also available in:
Commercial grade
SMCG(J)LCE6.5 –
SMCG(J)LCE170Ae3
Case 1 package
(axial-leaded)
MLCE6.5 – MLCE170Ae3
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
•
Available in standoff voltage range of 6.5 to 170 V.
•
Low capacitance of 100 pF or less.
•
Molding compound flammability rating: UL94V-O.
•
Two different terminations available in C-bend (modified J-bend with DO-214AB) or Gull-wing
(DO-215AB).
•
Screening available in reference to MIL-PRF-19500. Refer to High Reliability Up-Screened Plastic
Products Portfolio for more details on the screening options.
(See part nomenclature for all available options.)
•
RoHS compliant versions available.
APPLICATIONS / BENEFITS
•
1500 watts peak pulse power at 10/1000
µs.
•
Low capacitance for high frequency data line protection to 1 MHz.
•
Protection for aircraft fast data rate lines up to level 5 waveform 4 and level 2 waveform 5A in
RTCA/DO-160D (also see MicroNote 130) & ARINC 429 with bit rates of 100 kb/s (per ARINC 429,
Part 1, par 2.4.1.1).
•
IEC61000-4-2 ESD 15 kV (air), 8 kV (contact).
•
IEC61000-4-5 (lightning) as further detailed in LCE6.5 thru LCE170A data sheet.
•
T1/E1 line cards.
•
Base stations, WAN & XDSL interfaces.
•
CSU/DSU equipment.


Similar Part No. - MSMCGLCE11A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSMCGLCE6.5A MICROCHIP-MSMCGLCE6.5A Datasheet
611Kb / 13P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
01/2026
More results

Similar Description - MSMCGLCE11A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com