Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCGLCE6.5A Datasheet (PDF) - Microchip Technology

MSMCGLCE6.5A Datasheet PDF - Microchip Technology
Part # MSMCGLCE6.5A
Download  MSMCGLCE6.5A Download
File Size   611.18 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor

MSMCGLCE6.5A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSMCGLCE6.5A Datasheet PDF - Microchip Technology

Part # MSMCGLCE6.5A
Download  MSMCGLCE6.5A Click to download

File Size   611.18 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor

MSMCGLCE6.5A Datasheet (HTML) - Microchip Technology


MSMCGLCE6.5A Product details

Features
• All devices are 100% surge tested.
• Low capacitance of 100 pF or less
• 3σ (sigma) lot norm screening performed on standby current (ID) for all M prefix devices
• Molding compound flammability rating: UL94V-O
• Unidirectional versions available only
• Two different terminations available in C-bend (modified J-bend with DO-214AB) or Gullwing (DO-215AB)
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B for all M prefix devices
• Suppress transients up to 1,500W at 10/1000 μs (see Figure 4-1)
• Enhanced reliability screening options with M prefix are available in reference to MILPR
19500. Refer to High Reliability Non-Hermetic Products Portfolio for more details on
the screening options.
(See Part Nomenclature for all available options.)
• RoHS compliant versions available
• Axial-lead equivalent packages for thru-hole mounting are available as MLCE6.5 to
MLCE170Ae3 with 1500W rating (contact Microchip for other surface mount options.)

Applications/Benefits
• Available in working stand-off voltage range of 6.5 to 170V
• Low capacitance for high frequency data line protection to 1 MHz
• Protection for aircraft fast data rate lines up to level 5 waveform 4 and level 2 waveform 5A in RTCA/DO-160G
(also see MicroNote 130) and ARINC 429 with bit rates of 100 kb/s (per ARINC 429, Part 1, par 2.4.1.1)
• IEC61000-4-2 ESD 15 kV (air), 8 kV (contact)
• IEC61000-4-5 (lightning) as further detailed in LCE6.5 thru LCE170A data sheet
• T1/E1 line cards
• Base stations, WAN and XDSL interfaces
• CSU/DSU equipment




Similar Part No. - MSMCGLCE6.5A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results


Similar Description - MSMCGLCE6.5A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com