Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCGLCE6.5A Datasheet(PDF) 9 Page - Microchip Technology

Part # MSMCGLCE6.5A
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSMCGLCE6.5A Datasheet(HTML) 9 Page - Microchip Technology

Back Button MSMCGLCE6.5A Datasheet HTML 5Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 6Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 7Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 8Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 9Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 10Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 11Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 12Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MSMCGLCE6.5A – MXLSMCGLCE170Ae3, MSMCJLCE6.5A – MXLSMCJLCE170Ae3
Application Schematics
 Data Sheet
© 2013-2026 Microchip Technology Inc. and its subsidiaries
DS00005170C - 9
5.
Application Schematics
The TVS low capacitance device configuration is shown in Figure 5-1. As a further option for
unidirectional applications, an additional low capacitance rectifier diode may be used in parallel
in the same polarity direction as the TVS as shown in Figure 5-2. In applications where random
high voltage transients occur, this will prevent reverse transients from damaging the internal low
capacitance rectifier diode and also provide a low voltage conducting direction. The added rectifier
diode should be of similar low capacitance and also have a higher reverse voltage rating than the
TVS clamping voltage VC. The Microchip recommended rectifier part number for the application in
Figure 5-2 is the “SMBJLCR80” or “SMBGLCR80” depending on the terminal configuration desired. If
using two (2) low capacitance TVS devices in anti-parallel for bidirectional applications, this added
protective feature for both directions (including the reverse of each rectifier diode) is inherently
provided in Figure 5-3. The unidirectional and bidirectional configurations in Figure 5-2 and Figure
5-3 will both result in twice the capacitance of Figure 5-1.
Figure 5-1. TVS With Internal Low Capacitance Rectifier
Diode
Figure 5-2. Optional Unidirectional Configuration (TVS
and Separate Rectifier Diode in Parallel)
Figure 5-3. Optional Bidirectional Configuration (Two TVS Devices in Anti-Parallel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com