Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCGLCE6.5A Datasheet(PDF) 1 Page - Microchip Technology

Part # MSMCGLCE6.5A
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSMCGLCE6.5A Datasheet(HTML) 1 Page - Microchip Technology

  MSMCGLCE6.5A Datasheet HTML 1Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 2Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 3Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 4Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 5Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 6Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 7Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 8Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 Data Sheet
© 2013-2026 Microchip Technology Inc. and its subsidiaries
DS00005170C - 1
Product Overview
This high-reliability surface mount Transient Voltage Suppressor (TVS) product family includes a rectifier diode
in series with and in the opposite direction to the primary TVS protection diode. The circuit being protected
sees only the rectifier diode's low 100 pF capacitance. They are available in either a DO-215AB (gull-wing)
or DO-214AB (J-bend) package, and RoHS compliant versions are available. The low capacitance of these TVS
devices allows them to be applied to the protection of high-frequency signal and communication lines in
inductive switching environments or systems exposed to the secondary effects of lightning per IEC61000-4-5,
as well as RTCA/DO-160G or ARINC 429 for airborne avionics. They also protect from ESD and EFT per
IEC61000-4-2 and IEC61000-4-4. If bipolar transient capability is required, two of these low capacitance TVS
devices may be used in parallel and opposite directions (anti-parallel) for complete AC protection (Figure 5-3).
Features
•
All devices are 100% surge tested.
•
Low capacitance of 100 pF or less
•
3σ (sigma) lot norm screening performed on standby current (ID) for all M prefix devices
•
Molding compound flammability rating: UL94V-O
•
Unidirectional versions available only
•
Two different terminations available in C-bend (modified J-bend with DO-214AB) or Gull-
wing (DO-215AB)
•
Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B for all
M prefix devices
•
Suppress transients up to 1,500W at 10/1000 µs (see Figure 4-1)
•
Enhanced reliability screening options with M prefix are available in reference to MIL-
PRF-19500. Refer to High Reliability Non-Hermetic Products Portfolio for more details on
the screening options.
(See Part Nomenclature for all available options.)
•
RoHS compliant versions available
•
Axial-lead equivalent packages for thru-hole mounting are available as MLCE6.5 to
MLCE170Ae3 with 1500W rating (contact Microchip for other surface mount options.)
Figure 1. DO-215AB (SMCG) Package
Figure 2. DO-214AB (SMCJ) Package
All SMC series are equivalent to prior
SMM package identifications.
Also available in:
Commercial Grade: SMCG(J)LCE6.5 –
SMCG(J)LCE170Ae3
Case 1 Package (Axial-Leaded): MLCE6.5
– MLCE170Ae3
Applications/Benefits
•
Available in working stand-off voltage range of 6.5 to 170V
•
Low capacitance for high frequency data line protection to 1 MHz
•
Protection for aircraft fast data rate lines up to level 5 waveform 4 and level 2 waveform 5A in RTCA/DO-160G
(also see MicroNote 130) and ARINC 429 with bit rates of 100 kb/s (per ARINC 429, Part 1, par 2.4.1.1)
•
IEC61000-4-2 ESD 15 kV (air), 8 kV (contact)
•
IEC61000-4-5 (lightning) as further detailed in LCE6.5 thru LCE170A data sheet
•
T1/E1 line cards
•
Base stations, WAN and XDSL interfaces
•
CSU/DSU equipment
1500 Watt Low Capacitance Surface Mount Transient
Voltage Suppressor
MSMCGLCE6.5A – MXLSMCGLCE170Ae3, MSMCJLCE6.5A –
MXLSMCJLCE170Ae3


Similar Part No. - MSMCGLCE6.5A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results

Similar Description - MSMCGLCE6.5A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com