Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843751 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 843751
Description  FemtoClock™ SAS/SATA Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

843751 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 843751 Datasheet HTML 7Page - Renesas Technology Corp 843751 Datasheet HTML 8Page - Renesas Technology Corp 843751 Datasheet HTML 9Page - Renesas Technology Corp 843751 Datasheet HTML 10Page - Renesas Technology Corp 843751 Datasheet HTML 11Page - Renesas Technology Corp 843751 Datasheet HTML 12Page - Renesas Technology Corp 843751 Datasheet HTML 13Page - Renesas Technology Corp 843751 Datasheet HTML 14Page - Renesas Technology Corp 843751 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
843751 Data Sheet
FEMTOCLOCK™ SAS/SATA CLOCK GENERATOR
843751 REVISION B 08.21.15
11
©2015 Integrated Device Technology, Inc.
Termination for 2.5V LVPECL Outputs
Figure 4A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCC – 2V. For VCC= 2.5V, the VCC– 2V is very close to ground
level. The R3 in Figure 4B can be eliminated and the termination is
shown in Figure 4C.
Figure 4A. 2.5V LVPECL Driver Termination Example
Figure 4C. 2.5V LVPECL Driver Termination Example
Figure 4B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50
Ω
50
Ω
R1
250
Ω
R3
250
Ω
R2
62.5
Ω
R4
62.5
Ω
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
Ω
50
Ω
R1
50
Ω
R2
50
Ω
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
Ω
50
Ω
R1
50
Ω
R2
50
Ω
R3
18
Ω
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com