Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

851021 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 851021
Description  1-to-21, Differential HCSL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

851021 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 851021 Datasheet HTML 11Page - Renesas Technology Corp 851021 Datasheet HTML 12Page - Renesas Technology Corp 851021 Datasheet HTML 13Page - Renesas Technology Corp 851021 Datasheet HTML 14Page - Renesas Technology Corp 851021 Datasheet HTML 15Page - Renesas Technology Corp 851021 Datasheet HTML 16Page - Renesas Technology Corp 851021 Datasheet HTML 17Page - Renesas Technology Corp 851021 Datasheet HTML 18Page - Renesas Technology Corp 851021 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
REVISION C 11/03/15
15
1-TO-21, DIFFERENTIAL HCSL FANOUT BUFFER
851021 DATA SHEET
Package Outline and Package Dimensions
Package Outline - Y Suffix for 64 Lead TQFP, E-Pad
Table 6. Package Dimensions for 64 Lead TQFP, E-Pad
Reference Document: JEDEC Publication 95, MS-026
JEDEC Variation: ACD
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
64
A
1.20
A1
0.05
0.10
0.15
A2
0.95
1.00
1.05
b
0.17
0.22
0.27
c
0.09
0.20
D & E
12.00 Basic
D1 & E1
10.00 Basic
D2 & E2
7.50 Ref.
D3 & E3
4.5
5.5
e
0.50 Basic
L
0.45
0.60
0.75
0°
7°
ccc
0.08
-HD VERSION
EXPOSED PAD DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com