Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

851021 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 851021
Description  1-to-21, Differential HCSL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

851021 Datasheet(HTML) 2 Page - Renesas Technology Corp

  851021 Datasheet HTML 1Page - Renesas Technology Corp 851021 Datasheet HTML 2Page - Renesas Technology Corp 851021 Datasheet HTML 3Page - Renesas Technology Corp 851021 Datasheet HTML 4Page - Renesas Technology Corp 851021 Datasheet HTML 5Page - Renesas Technology Corp 851021 Datasheet HTML 6Page - Renesas Technology Corp 851021 Datasheet HTML 7Page - Renesas Technology Corp 851021 Datasheet HTML 8Page - Renesas Technology Corp 851021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1-TO-21, DIFFERENTIAL HCSL FANOUT BUFFER
2
REVISION C 11/03/15
851021 DATA SHEET
Pin Description Table
Table 1. Pin Descriptions
Output Driver Current
The 851021 outputs are HCSL differential current dr ive with
the current being set with a resistor from I
REF to ground. Fo r
a single load and a 50
 P.C. board trace, the drive current would
typically be set with a R
REF of 950 which products an IREF of 1.16mA.
The I
REF is multiplied by a current mirror to an output drive of
12*1.16mA or 13.90mA. See Figure 1 for current mirror and output
drive details.
RREF
950
Ω
RL
RL
IREF
Figure 1. HCSL Current Mirror and Output Drive
Number
Name
Type
Description
1, 2
Q3, nQ3
Output
Differential output pair. Differential HCSL interface levels.
3, 9, 14, 21, 24, 25, 29,
35, 40, 46, 52, 57, 62
VDD
Power
Positive supply pins.
4, 5
Q4, nQ4
Output
Differential output pair. Differential HCSL interface levels.
6, 17, 32, 43, 49
GND
Power
Power supply ground.
7, 8
Q5, nQ5
Output
Differential output pair. Differential HCSL interface levels.
10, 11
Q6, nQ6
Output
Differential output pair. Differential HCSL interface levels.
12, 13
Q7, nQ7
Output
Differential output pair. Differential HCSL interface levels.
15, 16
Q8, nQ8
Output
Differential output pair. Differential HCSL interface levels.
18
RREF
Input
External fixed precision resistor (950
) from this pin to ground provides a reference
current used for differential current-mode Qx, nQx clock outputs.
19, 20
Q9, nQ9
Output
Differential output pair. Differential HCSL interface levels.
22, 23
Q10, nQ10
Output
Differential output pair. Differential HCSL interface levels.
26
nc
unused
No connect.
27, 28
Q11, nQ11
Output
Differential output pair. Differential HCSL interface levels.
30, 31
Q12, nQ12
Output
Differential output pair. Differential HCSL interface levels.
33, 34
Q13, nQ13
Output
Differential output pair. Differential HCSL interface levels.
36, 37
Q14, nQ14
Output
Differential output pair. Differential HCSL interface levels.
38. 39
Q15, nQ15
Output
Differential output pair. Differential HCSL interface levels.
41, 42
Q16, nQ16
Output
Differential output pair. Differential HCSL interface levels.
44, 45
Q17, nQ17
Output
Differential output pair. Differential HCSL interface levels.
47, 48
Q18, nQ18
Output
Differential output pair. Differential HCSL interface levels.
50
CLK
Input
Non-inverting differential input.
51
nCLK
Input
Inverting differential clock input.
53, 54
Q19, nQ19
Output
Differential output pair. Differential HCSL interface levels.
55, 56
Q20, nQ20
Output
Differential output pair. Differential HCSL interface levels.
58, 59
Q0, nQ0
Output
Differential output pair. Differential HCSL interface levels.
60, 61
Q1, nQ1
Output
Differential output pair. Differential HCSL interface levels.
63, 64
Q2, nQ2
Output
Differential output pair. Differential HCSL interface levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com