Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMPTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 17Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 18Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 19Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 20Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 21Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 22Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 23Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 24Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
8.5.4
Special modes for voltage transitions
Protocols like USB-PD require to change the output voltage while the converter is operating following specific
timing requirements. ST-ONEMP provides special operating modes to Manage negative transition while the
applied load to the converter is very low.
8.5.4.1
Bleeding
The device integrates bleeding current sinks to discharge the output during negative voltage transitions which
may happen at light load.
Bleeding current IBLEED is initially set to 10 mA, then increased to 20 mA.
8.5.4.2
Forced burst
In order to maintain the primary side PVCC powered, the IC forces bursts at regular intervals to recharge the
primary side through its auxiliary winding.
8.5.4.3
Active bleeding mode
The IC can be configured to operate in a reverse flyback mode transferring energy from the output capacitor to
the input bulk capacitor by switching the SR MOSFET.
This function is useful when the 20 mA bleeding current is not enough to meet the negative transition timing
specifications, for example in applications with a big SVCC capacitor.
8.5.5
CCM mode
USB-PD converters allow a wide range of output voltage variations. When the output voltage is low, it is desirable
to provide a higher current than what is allowed at maximum output voltage. In normal operating mode the peak
current in the transformer is roughly proportional to the output current and loosely related to the voltage. For this
reason, an active clamp flyback transformer designed for 45 W at 15 V would require a much higher saturation
current to be able to provide the same power at 10 V or 5 V. To help overcome this issue, the device can operate
in CCM mode, extending the output current that can be provided for the same transformer saturation level.
While in normal mode, the converter can limit the duration of the secondary side conduction (phase 4 in Figure 8)
to a programmable time, forcing the system to enter CCM mode. The CCM is enabled only if two conditions are
met:
•
The output voltage is below a programmable threshold
•
The peak current requested by the control loop is higher than a programmable threshold
The duration of the off-time in CCM mode is equal to the time programmed in the specific parameter, multiplied by
5V/VoutwhereVoutistheprogrammedoutputvoltage.
8.6
Control loop
The controller includes both a voltage regulation loop, which operates normally, and a current regulation loop
which is used in constant current mode, which is used to manage the CC/CV mode as required by USB-PD PPS
mode.
8.6.1
Voltage sensing
The IC senses the output voltage through a programmable resistor divider connected to the internal 12 bit ADC.
The resistor divider rescales the SVCC voltage so that the full scale can be configured as 6 V, 12 V or 24 V. The
IC selects the scale depending on the target output voltage.
The thresholds for switching scales are 5.8 V and 11.8 V.
During output voltage transitions, the greater scale between the initial and final voltages is used. At the end of the
transition the scale is changed according to the final voltage.
For example in a transition from 5 V to 9 V the scale is initially switched to 12 V, at the end of the transition it is
kept at 12 V scale. For a transition 9 V to 5 V, the scale is kept at 12 V and at the end of transition is changed to 6
V scale.
8.6.2
Peak current mode unit
The primary side low-side switch is controlled in peak current mode.
ST-ONEMP
Control loop
DS13989 - Rev 2
page 21/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com