Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMPTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 24Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 25Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 26Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 27Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 28Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 29Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 30Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 31Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
9
Communication interface
9.1
USB-PD protocol
The USB-PD module controls the USB Type-C™ connector signals and power delivery on Vbus line using
USB-PD protocol.
The ST-ONEMP device can provide an output voltage between 3.3 V to 21 V. The PDOs or APDOs used in the
application can be defined by the user (except for the mandatory 5 V).
The module provides the USB-PD Source layers over one power channel. This is the list of the USB-PD options
available on the ST-ONEMP USB-PD firmware stack embedded on the device.
The USB-PD module supports:
•
One USB-PD power SOURCE channel (DFP - AC adapter)
•
USB-PD REV 3.1 specification
•
PPS (Programmable Power Supply) with Constant Current mode
•
1 default PDO plus 6 slots for PDOs or APDOs, customer configurable
•
6 slots for PDOs or APDOs, customer configurable, to be used when a second port is attached (see
Section 9.1.8 )
•
Vconn source with 100 mW output power used to identify Electronically Marked Cables
•
Send Alert on OTP and OCP protections
•
Send Source_Capability_Extended message
The USB-PD module does NOT support:
•
Constant power on PPS mode
•
Communication via USB (D+/D- and or SSTx+/- and SSRx+/-)
•
Fast Role Swap
•
VDM message management apart from SVDM-SOP’ to manage the cable discovered
•
Battery Supply PDO and Variable Supply PDO
•
Power Sharing
•
Unchunked message
•
Type C authentication 1.0 extension
•
Firmware update using 1.0 extension
9.1.1
USB-PD Physical layer
The device includes a complete physical layer for USB-PD applications.
The CC pins can withstand up to 24 V, requiring no extra protection to manage accidental shorts to Vbus.
9.1.1.1
CC Pins Vconn
The IC includes an internal switch between CC1/2 and SVCC which is used to provide the VCONN for
electronically marked cable detection. The Vconn switch is current limited to avoid damaging the IC in case
of short on CC pins.
As required by the USB-PD standard, the CC pins include an integrated bleeder resistor with value RCCBLD which
is turned on for 10 ms when the Vconn is removed.
The CC Vconn directly connects the CC1 or CC2 pin to the SVCC voltage, so it can be used only when the
regulated voltage is 5 V, as during the Electronically Marked Cable detection.
9.1.1.2
CC OV comparator
The CC pins include a comparator to detect abnormal voltages on the pins caused, for example, by shorts to
Vbus. When the voltage on one of the CC pins bypasses VCCOVP the load switch is turned off, and normal
operation restarts only once the voltage on the pins drops below 2.5V
ST-ONEMP
Communication interface
DS13989 - Rev 2
page 28/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com