Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36NM60N Datasheet(PDF) 12 Page - STMicroelectronics

Part # 36NM60N
Description  Automotive-grade N-channel 600 V, 0.093 Ω, 29 A, MDmesh™ II Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

36NM60N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 36NM60N Datasheet HTML 7Page - STMicroelectronics 36NM60N Datasheet HTML 8Page - STMicroelectronics 36NM60N Datasheet HTML 9Page - STMicroelectronics 36NM60N Datasheet HTML 10Page - STMicroelectronics 36NM60N Datasheet HTML 11Page - STMicroelectronics 36NM60N Datasheet HTML 12Page - STMicroelectronics 36NM60N Datasheet HTML 13Page - STMicroelectronics 36NM60N Datasheet HTML 14Page - STMicroelectronics 36NM60N Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Packing information
STB36NM60N
12/15
DocID16099 Rev 5
5
Packing information
Figure 22. Tape
P1
A0
D1
P0
F
W
E
D
B0
K0
T
User direction of feed
P2
10 pitches cumulative
tolerance on tape +/- 0.2 mm
User direction of feed
R
Bending radius
B1
For machine ref. only
including draft and
radii concentric around B0
AM08852v1
Top cover
tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com