Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # 36NM60N
Description  Automotive-grade N-channel 600 V, 0.093 Ω, 29 A, MDmesh™ II Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

36NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  36NM60N Datasheet HTML 1Page - STMicroelectronics 36NM60N Datasheet HTML 2Page - STMicroelectronics 36NM60N Datasheet HTML 3Page - STMicroelectronics 36NM60N Datasheet HTML 4Page - STMicroelectronics 36NM60N Datasheet HTML 5Page - STMicroelectronics 36NM60N Datasheet HTML 6Page - STMicroelectronics 36NM60N Datasheet HTML 7Page - STMicroelectronics 36NM60N Datasheet HTML 8Page - STMicroelectronics 36NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
June 2015
DocID16099 Rev 5
1/15
STB36NM60N
Automotive-grade N-channel 600 V, 0.093
Ω, 29 A, MDmesh™ II
Power MOSFET in a D²PAK package
Datasheet — production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• 100% avalanche tested
• Low input capacitance and gate charge
• Low gate input resistance
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET associates a vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
D PAK
2
1
3
TAB
Order code
VDS @
TJmax
RDS(on)
max.
ID
PTOT
STB36NM60N
650 V
0.105
Ω
29 A 210 W
Table 1. Device summary
Order code
Marking
Packages
Packaging
STB36NM60N
36NM60N
D2PAK
Tape and reel
www.st.com


Similar Part No. - 36NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
36N06 ISC-36N06 Datasheet
67Kb / 2P
Fast Switching
logo
STMicroelectronics
36N50DA STMICROELECTRONICS-36N50DA Datasheet
250Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
logo
Semikron International
36NAB126V1 SEMIKRON-36NAB126V1 Datasheet
1Mb / 4P
3-phase bridge rectifier brake chopper 3-phase bridge inverter
08-07-2009
36NAB126V10 SEMIKRON-36NAB126V10 Datasheet
1Mb / 4P
3-phase bridge rectifier brake chopper 3-phase bridge inverter
27-01-2010
More results

Similar Description - 36NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB12N60DM2AG STMICROELECTRONICS-STB12N60DM2AG Datasheet
422Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
14-Apr-2021
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STB17N80K5 STMICROELECTRONICS-STB17N80K5 Datasheet
921Kb / 15P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a D²PAK package
20-May-2016
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STB25NF06AG STMICROELECTRONICS-STB25NF06AG Datasheet
817Kb / 15P
Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
12-May-2016
STI10NM60N STMICROELECTRONICS-STI10NM60N Datasheet
702Kb / 12P
N-channel 600 V, 0.53 Ω typ.,10 A MDmesh™ II Power MOSFET in I²PAK package
02-Dec-2015
STW36NM60N STMICROELECTRONICS-STW36NM60N Datasheet
869Kb / 13P
N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247
21-Jun-2011
STH36N60DM6-7AG STMICROELECTRONICS-STH36N60DM6-7AG Datasheet
469Kb / 14P
Automotive-grade N-channel 600 V, 0.084 Ω typ., 29 A MDmesh™ DM6 Power MOSFET in an H²PAK-7 package
26-Sep-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com