Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW36NM60N Datasheet (PDF) - STMicroelectronics

STW36NM60N Datasheet PDF - STMicroelectronics
Part # STW36NM60N
Download  STW36NM60N Download
File Size   869.77 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247

STW36NM60N Datasheet (PDF)

Go To PDF Page Download Datasheet
STW36NM60N Datasheet PDF - STMicroelectronics

Part # STW36NM60N
Download  STW36NM60N Click to download

File Size   869.77 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247

STW36NM60N Datasheet (HTML) - STMicroelectronics


STW36NM60N Product details

Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance

Application
■ Switching applications
– Automotive

Description
This device is made using the second generation
of MDmesh™ technology. This revolutionary
Power MOSFET associates a new vertical
structure to the company’s strip layout to yield one
of the world’s lowest on-resistance and gate
charge. It is therefore suitable for the most
demanding high efficiency converters.




Similar Part No. - STW36NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW36NM60ND STMICROELECTRONICS-STW36NM60ND Datasheet
1Mb / 18P
Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
logo
Inchange Semiconductor ...
STW36NM60ND ISC-STW36NM60ND Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW36NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
N-channel 600 V, 0.075 Ω, 35 A MDmesh??II Power MOSFET TO-247
14-Jan-2009
STF34NM60N STMICROELECTRONICS-STF34NM60N Datasheet
941Kb / 17P
N-channel 600 V, 0.092 Ω, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
08-Mar-2011
STW48NM60N STMICROELECTRONICS-STW48NM60N Datasheet
717Kb / 13P
N-channel 600 V, 0.055 Ω typ., 44 A MDmesh™II Power MOSFET in a TO-247 package
19-Feb-2013
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
N-channel 600 V, 0.05 Ω, 45 A TO-247 MDmesh™II Power MOSFET
18-Jul-2011
STFI34NM60N STMICROELECTRONICS-STFI34NM60N Datasheet
851Kb / 1P
N-channel 600 V, 0.092, 31.5 A MDmesh II Power MOSFET in a PAKFP package
16-Jul-2013
STW55NM60N STMICROELECTRONICS-STW55NM60N Datasheet
329Kb / 12P
N-channel 600 V, 0.047 Ω, 51 A, MDmesh™ II Power MOSFET TO-247
31-Jul-2008
STI10NM60N STMICROELECTRONICS-STI10NM60N Datasheet
702Kb / 12P
N-channel 600 V, 0.53 Ω typ.,10 A MDmesh™ II Power MOSFET in I²PAK package
02-Dec-2015
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
06-Oct-2009
STB36NM60N STMICROELECTRONICS-STB36NM60N_V01 Datasheet
1Mb / 15P
Automotive-grade N-channel 600 V, 0.093 Ω, 29 A, MDmesh™ II Power MOSFET in a D²PAK package
09-Jun-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com