Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW36NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW36NM60N
Description  N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW36NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  STW36NM60N Datasheet HTML 1Page - STMicroelectronics STW36NM60N Datasheet HTML 2Page - STMicroelectronics STW36NM60N Datasheet HTML 3Page - STMicroelectronics STW36NM60N Datasheet HTML 4Page - STMicroelectronics STW36NM60N Datasheet HTML 5Page - STMicroelectronics STW36NM60N Datasheet HTML 6Page - STMicroelectronics STW36NM60N Datasheet HTML 7Page - STMicroelectronics STW36NM60N Datasheet HTML 8Page - STMicroelectronics STW36NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2011
Doc ID 018963 Rev 1
1/13
13
STW36NM60N
N-channel 600 V, 0.092
Ω, 29 A, MDmesh™ II Power MOSFET
in TO-247
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
– Automotive
Description
This device is made using the second generation
of MDmesh™ technology. This revolutionary
Power MOSFET associates a new vertical
structure to the company’s strip layout to yield one
of the world’s lowest on-resistance and gate
charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Order code
VDSS @
TJmax
RDS(on)
max
ID
PW
STW36NM60N
650 V
< 0.105
Ω 29 A 210 W
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STW36NM60N
36NM60N
TO-247
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STW36NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW36NM60ND STMICROELECTRONICS-STW36NM60ND Datasheet
1Mb / 18P
Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
logo
Inchange Semiconductor ...
STW36NM60ND ISC-STW36NM60ND Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW36NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
N-channel 600 V, 0.075 Ω, 35 A MDmesh??II Power MOSFET TO-247
14-Jan-2009
STF34NM60N STMICROELECTRONICS-STF34NM60N Datasheet
941Kb / 17P
N-channel 600 V, 0.092 Ω, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
08-Mar-2011
STW48NM60N STMICROELECTRONICS-STW48NM60N Datasheet
717Kb / 13P
N-channel 600 V, 0.055 Ω typ., 44 A MDmesh™II Power MOSFET in a TO-247 package
19-Feb-2013
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
N-channel 600 V, 0.05 Ω, 45 A TO-247 MDmesh™II Power MOSFET
18-Jul-2011
STFI34NM60N STMICROELECTRONICS-STFI34NM60N Datasheet
851Kb / 1P
N-channel 600 V, 0.092, 31.5 A MDmesh II Power MOSFET in a PAKFP package
16-Jul-2013
STW55NM60N STMICROELECTRONICS-STW55NM60N Datasheet
329Kb / 12P
N-channel 600 V, 0.047 Ω, 51 A, MDmesh™ II Power MOSFET TO-247
31-Jul-2008
STI10NM60N STMICROELECTRONICS-STI10NM60N Datasheet
702Kb / 12P
N-channel 600 V, 0.53 Ω typ.,10 A MDmesh™ II Power MOSFET in I²PAK package
02-Dec-2015
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
06-Oct-2009
STB36NM60N STMICROELECTRONICS-STB36NM60N_V01 Datasheet
1Mb / 15P
Automotive-grade N-channel 600 V, 0.093 Ω, 29 A, MDmesh™ II Power MOSFET in a D²PAK package
09-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com