Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512SRIPUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STEF512SRIPUR
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRIPUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STEF512SRIPUR Datasheet HTML 9Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 10Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 11Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 12Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 13Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 14Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 15Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 16Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7
Typical characteristics
The following plots refer to the typical application circuit with VCC_12 = 12 V, VCC_5 = 5 V, IOUT_12 = IOUT_5 = 0 A,
SATA_IG floating, EN set to low state and unless otherwise noted, at TA = 25 °C.
Figure 11. Quiescent current vs. temperature (ON mode)
200
250
300
350
400
450
500
550
600
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 12. Quiescent current vs. temperature (OFF mode)
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 13. 12 V eFuse RDS_ON vs. temperature
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
IOUT_12 = 500 mA, pulsed.
Figure 14. 5 V eFuse RDS_ON vs. temperature
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
IOUT_5 = 500 mA, pulsed.
Figure 15. 12 V eFuse voltage clamp vs. temperature
14,50
14,60
14,70
14,80
14,90
15,00
15,10
15,20
15,30
15,40
15,50
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN_12= 18V, IOUT_12= 10 mA
Figure 16. 5 V eFuse voltage clamp vs. temperature
5,2
5,3
5,4
5,5
5,6
5,7
5,8
5,9
6,0
6,1
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN_5 = 18V, IOUT_5 = 10 mA
STEF512SRI
Typical characteristics
DS14138 - Rev 1
page 13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com