Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512SRIPUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STEF512SRIPUR
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRIPUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STEF512SRIPUR Datasheet HTML 15Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 16Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 17Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 18Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 19Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 20Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 21Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 22Page - STMicroelectronics STEF512SRIPUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
DFN10 (2 x 3 mm) package information
Figure 46. DFN10 (2 x 3 mm) package outline
STEF512SRI
Package information
DS14138 - Rev 1
page 19/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com