Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5678CJR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG5678CJR
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678CJR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG5678CJR Datasheet HTML 2Page - STMicroelectronics STG5678CJR Datasheet HTML 3Page - STMicroelectronics STG5678CJR Datasheet HTML 4Page - STMicroelectronics STG5678CJR Datasheet HTML 5Page - STMicroelectronics STG5678CJR Datasheet HTML 6Page - STMicroelectronics STG5678CJR Datasheet HTML 7Page - STMicroelectronics STG5678CJR Datasheet HTML 8Page - STMicroelectronics STG5678CJR Datasheet HTML 9Page - STMicroelectronics STG5678CJR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Maximum rating
STG5678
6/23
Doc ID 14580 Rev 3
3.1
Recommended operating conditions
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.65 to 4.5
V
VI
Input voltage
VCC -5.5 to VCC
V
VIC
Control input voltage
0 to 4.5
V
VO
Output voltage
VCC -5.5 to VCC
V
Top
Operating temperature
-40 to 85
°C
dt/dv
Input rise and fall time control
input
VCC = 1.65 to 2.7 V
0 to 20
ns/V
VCC = 3.0 to 4.5 V
0 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com