Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5678CJR Datasheet (PDF) - STMicroelectronics

STG5678CJR Datasheet PDF - STMicroelectronics
Part # STG5678CJR
Download  STG5678CJR Download
File Size   588.73 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage dual SPDT switch with negative rail capability

STG5678CJR Datasheet (PDF)

Go To PDF Page Download Datasheet
STG5678CJR Datasheet PDF - STMicroelectronics

Part # STG5678CJR
Download  STG5678CJR Click to download

File Size   588.73 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage dual SPDT switch with negative rail capability

STG5678CJR Datasheet (HTML) - STMicroelectronics


STG5678CJR Product details

Features
■ Distortion-free negative signal throughput
down to VCC - 5.5 V
■ Wide operating voltage range:
VCC (opr) = 1.65 to 4.5 V single supply
■ Ultra low power dissipation:
ICC = 0.2 μA (max.) at TA = 85 °C
■ Low ON resistance:
RON = 0.5 Ω (max. TA = 25 °C) at VCC = 3.6 V
■ 4.3 V tolerant and 1.8 V compatible threshold
on digital control input at VCC = 1.65 V to 4.5 V
■ Latch-up performance exceeds 300 mA
(JESD 17)
■ ESD performance:
– 2000-V human-body model
(IEC61340-3-1:2002 level 2)
– 200-V machine model
(IEC61340-3-2 level M2)
– 1000-V charge device model
(JESD22-C101-A level III)

Description
The STG5678 is a high-speed CMOS low voltage
dual analog SPDT (single pole dual throw) switch
or 2:1 multiplexer/de-multiplexer switch fabricated
in silicon gate CMOS technology. It is designed to
operate from 1.65 to 4.5 V.
The device is capable of handling signals with
negative voltages from VCC - 5.5 V to VCC without
any distortion.
Additional key features are fast switching speed,
break-before-make delay time and ultra low power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.




Similar Part No. - STG5678CJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG5682 STMICROELECTRONICS-STG5682 Datasheet
213Kb / 16P
Low voltage dual SPDTswitch with negative rail capacitance
15-Mar-2007
STG5682QTR STMICROELECTRONICS-STG5682QTR Datasheet
213Kb / 16P
Low voltage dual SPDTswitch with negative rail capacitance
15-Mar-2007
STG5683 STMICROELECTRONICS-STG5683 Datasheet
244Kb / 16P
Low voltage dual SPDTswitch with negative rail capability
05-Jul-2007
STG5683QTR STMICROELECTRONICS-STG5683QTR Datasheet
244Kb / 16P
Low voltage dual SPDTswitch with negative rail capability
05-Jul-2007
More results


Similar Description - STG5678CJR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
logo
STMicroelectronics
STG5683 STMICROELECTRONICS-STG5683 Datasheet
244Kb / 16P
Low voltage dual SPDTswitch with negative rail capability
05-Jul-2007
logo
ams AG
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com