Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL30C60 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPL30C60
Description  SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL30C60 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPL30C60 Datasheet HTML 7Page - STMicroelectronics STGIPL30C60 Datasheet HTML 8Page - STMicroelectronics STGIPL30C60 Datasheet HTML 9Page - STMicroelectronics STGIPL30C60 Datasheet HTML 10Page - STMicroelectronics STGIPL30C60 Datasheet HTML 11Page - STMicroelectronics STGIPL30C60 Datasheet HTML 12Page - STMicroelectronics STGIPL30C60 Datasheet HTML 13Page - STMicroelectronics STGIPL30C60 Datasheet HTML 14Page - STMicroelectronics STGIPL30C60 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DocID029059 Rev 1
11/23
STGIPL30C60
Electrical characteristics
ISDh
SD logic “0” input bias
current
SD = 15 V
30
120
300
µA
ISDl
SD logic “1” input bias
current
SD = 0 V
3
µA
Dt
Dead time
see Figure 9 and
Table 15
600
ns
Table 11. Op-amp characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vic = 0 V, Vo = 7.5 V
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
440
nA
Iib
Input bias current (1)
1.
The direction of input current is out of the IC.
100
200
nA
Vicm
Input common mode
voltage range
0V
VOL
Low level output voltage
RL = 10 kΩ to VCC
75
150
mV
VOH
High level output voltage
RL = 10 kΩ to GND
14
14.7
V
Io
Output short-circuit current
Source, Vid = +1; Vo = 0 V
16
30
mA
Sink, Vid = -1; Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1 ¸ 4 V; CL = 100 pF;
unity gain
2.5
3.8
V/ms
GBWP
Gain bandwidth product
Vo = 7.5 V
8
12
MHz
Avd
Large signal voltage gain
RL = 2 kΩ
70
85
dB
SVR
Supply voltage rejection
ratio
vs VCC
60
75
dB
CMRR
Common mode rejection
ratio
55
70
dB
Table 10. Logic inputs (VCC = 15 V unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com