Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL30C60 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGIPL30C60
Description  SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL30C60 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGIPL30C60 Datasheet HTML 8Page - STMicroelectronics STGIPL30C60 Datasheet HTML 9Page - STMicroelectronics STGIPL30C60 Datasheet HTML 10Page - STMicroelectronics STGIPL30C60 Datasheet HTML 11Page - STMicroelectronics STGIPL30C60 Datasheet HTML 12Page - STMicroelectronics STGIPL30C60 Datasheet HTML 13Page - STMicroelectronics STGIPL30C60 Datasheet HTML 14Page - STMicroelectronics STGIPL30C60 Datasheet HTML 15Page - STMicroelectronics STGIPL30C60 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Electrical characteristics
STGIPL30C60
12/23
DocID029059 Rev 1
Note:
X: don’t care
Table 12. Sense comparator characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib(i)
Input bias current
VCIN(i) = 1 V, i = U,
V or W
-3
µA
Vol
Open drain low level
output voltage
Iod = 3 mA
-
0.5
V
td_comp
Comparator delay
SD/OD pulled to 5 V
through 100 k
Ω
resistor
-
90
130
ns
SR
Slew rate
CL = 180 pF; Rpu = 5
k
Ω
-60
V/µs
tsd
Shutdown to high / low-
side driver propagation
delay
VOUT = 0, Vboot = VCC,
VIN = 0 to 3.3 V
50
125
200
ns
tisd
Comparator triggering
to high / low-side driver
turn-off propagation
delay
Measured applying a
voltage step from 0 V
to 3.3 V to pin CINi
50
200
250
Table 13. Truth table
Conditions
Logic input (VI)
Output
SD/OD
LIN
HIN
LVG
HVG
Shutdown enable
half-bridge 3-state
LX
XL
L
Interlocking
half-bridge 3-state
HL
HL
L
0 “logic state”
half-bridge 3-state
H
H
LLL
1 “logic state”
low-side direct driving
HL
L
H
L
1 “logic state”
high-side direct
driving
HHH
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com