Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGYA120M65DF2AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGYA120M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA120M65DF2AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGYA120M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 11Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 12Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 13Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision history
Table 8. Document revision history
Date
Revision
Changes
12-Aug-2016
1
First release.
12-Dec-2016
2
Document status promoted from preliminary to production data.
Minor text changes.
24-Aug-2017
3
Updated features and title in cover page.
Updated Table 4: "Static characteristics".
Minor text changes.
08-Oct-2019
4
Updated Table 4. Dynamic characteristics.
Updated Figure 9. Forward bias safe operating area and Figure 14.
Capacitance variations.
Minor text changes
16-Nov-2022
5
Updated Section 4.1 Max247 long leads package information.
Minor text changes.
STGYA120M65DF2AG
DS11783 - Rev 5
page 13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com