Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO620TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STISO620TR
Description  Dual channel digital isolator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO620TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STISO620TR Datasheet HTML 2Page - STMicroelectronics STISO620TR Datasheet HTML 3Page - STMicroelectronics STISO620TR Datasheet HTML 4Page - STMicroelectronics STISO620TR Datasheet HTML 5Page - STMicroelectronics STISO620TR Datasheet HTML 6Page - STMicroelectronics STISO620TR Datasheet HTML 7Page - STMicroelectronics STISO620TR Datasheet HTML 8Page - STMicroelectronics STISO620TR Datasheet HTML 9Page - STMicroelectronics STISO620TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
3
Isolation characteristics
Table 5. Isolation specifications
Parameter
Symbol
Conditions
Value
Unit
Clearance
(Minimum external air gap )
CLR
Measured from input terminals to output terminals,
shortest distance through air
4
mm
Creepage
(Minimum external tracking)
CPG
Measured from input terminals to output terminals,
shortest distance path along body
4
mm
Comparative Tracking Index
(Tracking resistance)
CTI
DIN IEC 112/VDE 0303 Part 1
≥ 400
V
Isolation Group
Material Group
(DIN VDE 0110, 1/89, Table 1)
II
Table 6. Isolation characteristics
Parameter
Symbol
Test Conditions
Characteristic
Unit
Maximum working isolation voltage
VIORM
1200
VPEAK
Input to output test voltage
VPR
Method a, Type test (1)
VPR = VIORM × 1.6, tm= 10 s
Partial discharge < 5 pC
1920
VPEAK
Method b, 100 % Production test (1)
VPR = VIORM × 1.875, tm = 1 s
Partial discharge < 5 pC
2250
VPEAK
Isolation withstand voltage
VISO
1min (Type test) (2)
2830/4000
Vrms /VPEAK
Isolation test voltage
VISOtest 1sec (100% production) (2)
3395/4800
Vrms /VPEAK
Transient overvoltage
(Highest allowable overvoltage)
VIOTM
tini= 60 s
Type test (1)
4000
VPEAK
Maximum surge isolation voltage
VIOSM
Type test (1)
4000
VPEAK
Isolation resistance
RIO
VIO = 500 V at TS
>109
1. Test performed in accordance with IEC 60747-5-2
2. Test performed in accordance with UL 1577
STISO620
Isolation characteristics
DS14110 - Rev 2
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com