Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO620TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STISO620TR
Description  Dual channel digital isolator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO620TR Datasheet(HTML) 4 Page - STMicroelectronics

  STISO620TR Datasheet HTML 1Page - STMicroelectronics STISO620TR Datasheet HTML 2Page - STMicroelectronics STISO620TR Datasheet HTML 3Page - STMicroelectronics STISO620TR Datasheet HTML 4Page - STMicroelectronics STISO620TR Datasheet HTML 5Page - STMicroelectronics STISO620TR Datasheet HTML 6Page - STMicroelectronics STISO620TR Datasheet HTML 7Page - STMicroelectronics STISO620TR Datasheet HTML 8Page - STMicroelectronics STISO620TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IDD1
Supply current (TX
side)
100 Mbps,
50 % duty cycle,
CL = 20 pF,
VDD1 = 2.75 V
mA
13
16
10 Mbps,
50 % duty cycle,
CL = 20 pF,
VDD1 = 5 V
1.7
4
100 Mbps,
50 % duty cycle,
CL = 20 pF,
VDD1 = 5 V
13
18
IDD2
Supply current (RX
side)
DC
2.6
2.8
mA
10 Mbps,
50 % duty cycle,
CL = 20 pF,
VDD2 = 2.75 V
3.4
4.5
100 Mbps,
50 % duty cycle,
CL = 20 pF,
VDD2 = 2.75 V
13
15
10 Mbps,
50 % duty cycle,
CL = 20 pF,
VDD2 = 5 V
4.3
7
100 Mbps,
50 % duty cycle,
CL = 20 pF,
VDD2 = 5 V
20
25
VIHL
Low level Schmitt
trigger threshold
Logic input falling
Full supply range
0.8
V
VILH
High level Schmitt
trigger threshold
Logic input rising
Full supply range
2
V
VOL
Low level output
voltage
IOH = 4 mA
0.35
V
VOH
High level output
voltage
IOL = 4 mA
VDDX – 0.35
V
ZO
Output impedance
Tamb = 25 °C
VDD2 = 3.3 V
40
50
60
Ω
fIN,MAX
Maximum data rate
VIH = 5 V
100
Mbps
tr
Output rise time
CL = 20 pF
Tamb = 25 °C
See Figure 3
2
ns
STISO620
Electrical characteristics
DS14110 - Rev 2
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com