Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0XB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 3Page - STMicroelectronics STM32H7B0XB Datasheet HTML 4Page - STMicroelectronics STM32H7B0XB Datasheet HTML 5Page - STMicroelectronics STM32H7B0XB Datasheet HTML 6Page - STMicroelectronics STM32H7B0XB Datasheet HTML 7Page - STMicroelectronics STM32H7B0XB Datasheet HTML 8Page - STMicroelectronics STM32H7B0XB Datasheet HTML 9Page - STMicroelectronics STM32H7B0XB Datasheet HTML 10Page - STMicroelectronics STM32H7B0XB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 205 page
background image
Table 1. STM32H7B0xB features and peripheral counts
Peripherals
SMPS (1)
no-SMPS
Flash memory (Kbytes)
128
SRAM in Kbytes
SRAM on AXI
1024
SRAM on AHB (CD domain)
128
SRAM on AHB (SRD domain)
32
TCM RAM in Kbytes
ITCM RAM (instruction)
64
DTCM RAM (data)
128
Backup SRAM (Kbytes)
4
FMC
Interface
1
NOR Flash memory/RAM
controller
x (2)
x
x(2)
-
Multiplexed I/O NOR Flash
memory
x
x
x(2)
-
16-bit NAND Flash memory
x
x
x(2)
-
SDRAM controller
x(2)
x
x(2)
-
Octo-SPI interfaces(3)
2(4)
2
2(4)
1 Octo-SPI
1 Quad-SPI
Timers
General-purpose
10
Advanced-control (PWM)
2
Basic
2
Low-power
3
Window watchdog / independent watchdog
1/1
Real-time Clock (RTC)
1
Tamper pins (5)
Passive
2
3
2
Active
1
2
1
Random number generator
1
Cryptographic accelerator
1
Hash processor (HASH)
1
On-the-fly decryption
for external Octo-SPI memory
2
2
2
2(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com