Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0XB Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 9Page - STMicroelectronics STM32H7B0XB Datasheet HTML 10Page - STMicroelectronics STM32H7B0XB Datasheet HTML 11Page - STMicroelectronics STM32H7B0XB Datasheet HTML 12Page - STMicroelectronics STM32H7B0XB Datasheet HTML 13Page - STMicroelectronics STM32H7B0XB Datasheet HTML 14Page - STMicroelectronics STM32H7B0XB Datasheet HTML 15Page - STMicroelectronics STM32H7B0XB Datasheet HTML 16Page - STMicroelectronics STM32H7B0XB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 205 page
background image
3.5
Power supply management
3.5.1
Power supply scheme
•
VDD = 1.62 to 3.6 V: external power supply for I/Os, provided externally through VDD pins.
•
VDDLDO = 1.62 to 3.6 V: supply voltage for the internal regulator supplying VCORE
•
VDDA = 1.62 to 3.6 V: external analog power supplies for ADC, DAC, Reset blocks, RCs and PLL.
•
VDD33USB and VDD50USB:
VDD50USB can be supplied through the USB cable to generate the VDD33USB via the USB internal regulator. This
allows supporting a VDD supply different from 3.3 V.
The USB regulator can be bypassed to supply directly VDD33USB if VDD = 3.3 V.
•
VDDMMC = 1.62 to 3.6 V external power supply for independent I/Os. VDDMMC can be higher than VDD.
VDDMMC pin should be tied to VDD when it is not used.
•
VBAT = 1.2 to 3.6 V: power supply for the VSW domain when VDD is not present.
•
VCAP: VCORE supply, which value depends on voltage scaling (0.74 V, 0.9 V, 1.0 V, 1.1 V, 1.2 V or 1.3 V). It
is configured through VOS bits in PWR_CR3 register. The VCORE domain is split into two domains the CPU
domain (CD) and the Smart Run Domain (SRD).
–
CD domain containing most of the peripherals and the Arm® Cortex®-M7 core
–
SRD domain containing some peripherals and the system control.
•
VDDSMPS = 1.62 to 3.6 V: step-down converter power supply
•
VLXSMPS = VCORE or 1.8 to 2.5 V: external regulated step-down converter output
•
VFBSMPS = VCORE or 1.8 to 2.5 V: external step-down converter feedback voltage sense input
Note:
For I/O speed optimization at low VDD supply, refer to Section 3.8 General-purpose input/outputs (GPIOs).
The features available on the device depend on the package (refer to Table 1. STM32H7B0xB features and
peripheral counts).
During power-up and power-down phases, the following power sequence requirements must be respected (see
Figure 2. Power-up/power-down sequence):
•
When VDD is below 1 V, other power supplies (VDDA, VDD33USB and VDD50USB) must remain below VDD +
300 mV.
•
When VDD is above 1 V, all power supplies are independent (except for VDDSMPS, which must remain at the
same level as VDD).
During the power-down phase, VDD can temporarily become lower than other supplies only if the energy provided
to the microcontroller remains below 1 mJ. This allows external decoupling capacitors to be discharged with
different time constants during the power-down transient phase.
STM32H7B0xB
Power supply management
DS13196 - Rev 7
page 13/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com