Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET6QTR Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32U535NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET6QTR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32U535NET6QTR Datasheet HTML 62Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 63Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 64Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 65Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 66Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 67Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 68Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 69Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 278 page
background image
Functional overview
STM32U535xx
66/278
DS14217 Rev 1
All the digital processing is performed using only the kernel clock. The ADF requests the bus
interface clock (AHB clock) only when data must be transfered or when a specific event
requests the attention of the system processor.
The ADF main features are:
•
AHB interface
•
One serial digital input:
–
Configurable SPI interface to connect various digital sensors
–
Configurable Manchester coded interface support
–
Compatible with PDM interface to support digital microphones
•
Two common clocks input/output for Σ∆ modulators
•
Flexible BSMX for connection between filters and digital inputs
•
One flexible digital filter path, including:
–
A configurable CIC filter:
- Can be configured in Sinc4 filter
- Can be configured in Sinc5 filter
- Adjustable decimation ratio
–
A reshape filter to improve the out-off band rejection and in-band ripple
–
A high-pass filter to cancel the DC offset
–
Gain control
–
Saturation blocks
•
Clock absence detector
•
Sound activity detector
•
16- or 24-bit signed output data resolution
•
Continuous or single conversion
•
Possibility to delay independently each bitstream
•
Various trigger possibilities
•
Autonomous mode in Stop 0, Stop 1 and Stop 2 modes
•
Wake-up from Stop with all interrupts
•
DMA can be used to read the conversion data
•
Interrupts services



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com