Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET6QTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32U535NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET6QTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32U535NET6QTR Datasheet HTML 14Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 15Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 16Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 17Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 18Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 19Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 20Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 21Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 278 page
background image
Description
STM32U535xx
18/278
DS14217 Rev 1
ADC
12-bit ADC
1
14-bit ADC
1
Number of
channels (without
SMPS /
with SMPS)
11 / 10
17 / 15
11
12
20 / 18
DAC
Number of 12-bit
D-to-A converters
2
Internal voltage reference buffer
No
Yes
Analog comparator
1
Operational amplifier
1
Maximum CPU frequency
160 MHz
Operating voltage
1.71 to 3.6 V
Operating temperature
Ambient operating temperature: –40 to +85 °C / –40 to +125 °C
Junction temperature: –40 to +105 °C / –40 to +130 °C
Package
LQFP48,
UFQFPN48
LQFP64,
UFBGA64
WLCSP56
WLCSP72
LQFP100,
UFBGA100
1. Up to 12 bits.
2. 8 bits only.
3. Active tampers in output sharing mode (one output shared by all inputs).
Table 2. STM32U535xx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com