Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP54 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 5KP54
Description  5000 W TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

5KP54 Datasheet(HTML) 3 Page - Microsemi Corporation

  5KP54 Datasheet HTML 1Page - Microsemi Corporation 5KP54 Datasheet HTML 2Page - Microsemi Corporation 5KP54 Datasheet HTML 3Page - Microsemi Corporation 5KP54 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5000 W TRANSIENT VOLTAGE
SUPPRESSOR
SCOTTSD A L E DIVISION
5KP5.0 thru 5KP110A
MICROSEMI
PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
(Note 1)
VOLTS
BREAKDOWN
VOLTAGE
V(BR)
V(BR)
@
I(BR)
VOLTS
mA
MAXIMUM
CLAMPING
VOLTAGE
VC
@ IPP
VOLTS
MAXIMUM
STANDBY
CURRENT
ID
@ VWM
µA
MAXIMUM
PEAK PULSE
CURRENT
IPP (FIG. 3)
A
MAXIMUM
TEMPERATURE
COEFFICIENT
VARIATION OF
V(BR)
αV(BR)
mV/ ºC
5KP54
5KP54A
5KP58
5KP58A
54
54
58
58
60.0 – 73.3
60.0 – 66.3
64.4 – 78.7
64.4 – 71.2
5
5
5
5
96.3
87.1
103.0
93.6
10
10
10
10
52
57
49
53
70
64
77
69
5KP60
5KP60A
5KP64
5KP64A
60
60
64
64
66.7 – 81.5
66.7 – 73.7
71.1 – 86.9
71.1 – 78.6
5
5
5
5
107.0
96.8
114.0
103.0
10
10
10
10
47
52
44
49
79
70
85
75
5KP70
5KP70A
5KP75
5KP75A
70
70
75
75
77.8 – 95.1
77.8 – 86.0
83.3 – 102.0
83.3 – 92.1
5
5
5
5
125
113
134
121
10
10
10
10
40
44
37
41
93
84
100
90
5KP78
5KP78A
5KP85
5KP85A
78
78
85
85
86.7 – 106.0
86.7 – 95.8
94.4 – 115.0
94.4 – 104.0
5
5
5
5
139
126
151
137
10
10
10
10
36
40
33
36
104
94
113
102
5KP90
5KP90A
5KP100
5KP100A
90
90
100
100
100 – 122
100 – 111
111 – 136
111 – 123
5
5
5
5
160
146
179
162
10
10
10
10
31
34
28
31
120
109
134
122
5KP110
5KP110A
110
110
122 – 149
122 - 135
5
5
196
177
10
10
26
28
147
132
NOTE 1: Transient Voltage Suppressors are normally selected with reverse “Stand Off Voltage” VWM which should
be equal to or greater than the dc or continuous peak operating voltage level.
NOTE 2: For bidirectional construction, indicate a C or CA suffix after the part number.
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC
Clamping Voltage
V(BR)
Breakdown Voltage
I(BR)
Breakdown Current for V(BR)
ID
Standby Current
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2002
6-09-2003 REV A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com