Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP54 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 5KP54
Description  5000 W TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

5KP54 Datasheet(HTML) 4 Page - Microsemi Corporation

  5KP54 Datasheet HTML 1Page - Microsemi Corporation 5KP54 Datasheet HTML 2Page - Microsemi Corporation 5KP54 Datasheet HTML 3Page - Microsemi Corporation 5KP54 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5000 W TRANSIENT VOLTAGE
SUPPRESSOR
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
 2002
6-09-2003 REV A
SCOTTSD A L E DIVISION
5KP5.0 thru 5KP110A
GRAPHS
tp – Pulse Time – sec
Test waveform parameters: tr=10
µs, tp=1000 µs
FIGURE 1
FIGURE 2
Peak Pulse Power vs. Pulse Time to 50% of
Pulse Waveform
Exponentially Decaying Pulse
V(BR) Breakdown Voltage - Volts
PACKAGE DIMENSIONS
CASE 5A
CASE 5R
NOTE: Dimensions are in inches.
FIGURE 3
Typical Capacitance vs
Breakdown Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com