Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582IQ2T Datasheet(PDF) 31 Page - STMicroelectronics

Part # TSB582IQ2T
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582IQ2T Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TSB582IQ2T Datasheet HTML 26Page - STMicroelectronics TSB582IQ2T Datasheet HTML 27Page - STMicroelectronics TSB582IQ2T Datasheet HTML 28Page - STMicroelectronics TSB582IQ2T Datasheet HTML 29Page - STMicroelectronics TSB582IQ2T Datasheet HTML 30Page - STMicroelectronics TSB582IQ2T Datasheet HTML 31Page - STMicroelectronics TSB582IQ2T Datasheet HTML 32Page - STMicroelectronics TSB582IQ2T Datasheet HTML 33Page - STMicroelectronics TSB582IQ2T Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Contents
1
Pin configuration ..................................................................2
2
Maximum ratings ..................................................................3
2.1
Operating condition............................................................. 3
3
Electrical characteristics...........................................................4
4
Typical performance characteristics ..............................................10
5
Application information ...........................................................17
5.1
Operating voltages ............................................................ 17
5.2
ESD and input protection ....................................................... 17
5.3
EMI rejection ................................................................. 17
5.4
Input offset voltage drift versus temperature ....................................... 18
5.5
Maximum power dissipation..................................................... 18
5.6
Thermal shutdown considerations ............................................... 19
5.7
Safe operating area ........................................................... 19
5.8
Capacitive load and stability .................................................... 20
5.9
PCB layout recommendations ................................................... 21
5.10
Decoupling capacitor .......................................................... 21
6
Typical applications ..............................................................22
6.1
Rotary resolver ............................................................... 22
6.2
Design requirements........................................................... 22
6.3
Increasing output current ....................................................... 23
7
Package information..............................................................24
7.1
SO8 exposed pad package information ........................................... 25
7.2
DFN8 3x3 exposed pad, wettable flank package information ......................... 27
8
Ordering information .............................................................29
Revision history .......................................................................30
TSB582
Contents
DS13378 - Rev 2
page 31/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com